Electronic Components Datasheet Search
  English  ▼

X  

ADP3192 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 10Page - Analog Devices ADP3192 Datasheet HTML 11Page - Analog Devices ADP3192 Datasheet HTML 12Page - Analog Devices ADP3192 Datasheet HTML 13Page - Analog Devices ADP3192 Datasheet HTML 14Page - Analog Devices ADP3192 Datasheet HTML 15Page - Analog Devices ADP3192 Datasheet HTML 16Page - Analog Devices ADP3192 Datasheet HTML 17Page - Analog Devices ADP3192 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP3192
Rev. 0 | Page 14 of 32
POWER-GOOD MONITORING
The power-good comparator monitors the output voltage via
the CSREF pin. The PWRGD pin is an open-drain output whose
high level, when connected to a pull-up resistor, indicates that
the output voltage is within the nominal limits specified based
on the VID voltage setting. PWRGD goes low if the output
voltage is outside of this specified range, if the VID DAC inputs
are in no CPU mode, or if the EN pin is pulled low. PWRGD is
blanked during a VID OTF event for a period of 200 μs to
prevent false signals during the time the output is changing.
The PWRGD circuitry also incorporates an initial turn-on
delay time (TD5), based on the DELAY timer. Prior to the
SS voltage reaching the programmed VID DAC voltage and the
PWRGD masking-time finishing, the PWRGD pin is held low.
Once the SS pin is within 100 mV of the programmed DAC
voltage, the capacitor on the DELAY pin begins to charge.
A comparator monitors the DELAY voltage and enables
PWRGD when the voltage reaches 1.7 V. The PWRGD delay
time is, therefore, set by a current of IREF, charging a capacitor
from 0 V to 1.7 V.
OUTPUT CROWBAR
To protect the load and output components of the supply, the
PWM outputs are driven low, which turns on the low-side
MOSFETs when the output voltage exceeds the upper crowbar
threshold. This crowbar action stops once the output voltage
falls below the release threshold of approximately 375 mV.
Turning on the low-side MOSFETs pulls down the output as
the reverse current builds up in the inductors. If the output
overvoltage is due to a short in the high-side MOSFET, this
action current limits the input supply or blows its fuse,
protecting the microprocessor from being destroyed.
OUTPUT ENABLE AND UVLO
For the ADP3192 to begin switching, the input supply (VCC) to
the controller must be higher than the UVLO threshold and the
EN pin must be higher than its 0.85 V threshold. This initiates a
system start-up sequence. If either UVLO or EN is less than
their respective thresholds, the ADP3192 is disabled. This holds
the PWM outputs at ground, shorts the DELAY capacitor to
ground, and forces PWRGD and OD signals low.
In the application circuit (see Figure 10), the OD pin should be
connected to the OD inputs of the ADP3120A drivers.
Grounding OD disables the drivers such that both DRVH and
DRVL are grounded. This feature is important in preventing the
discharge of the output capacitors when the controller is shut
off. If the driver outputs are not disabled, a negative voltage can
be generated during output due to the high current discharge of
the output capacitors through the inductors.
THERMAL MONITORING
The ADP3192 includes a thermal-monitoring circuit to detect
when a point on the VR has exceeded two different user-
defined temperatures. The thermal-monitoring circuit requires
an NTC thermistor to be placed between TTSENSE and GND.
A fixed current of 8 × IREF (normally giving 123 μA) is sourced
out of the TTSENSE pin and into the thermistor. The current
source is internally limited to 5 V. An internal circuit compares
the TTSENSE voltage to a 1.105 V and a 0.81 V threshold, and
outputs an open-drain signal at the VRFAN and VRHOT
outputs, respectively. Once the voltage on the TTSENSE pin
drops below its respective threshold, the open-drain outputs
assert high to signal the system that an overtemperature event
has occurred. Because the TTSENSE voltage changes slowly
with respect to time, 50 mV of hysteresis is built into these com-
parators. The thermal monitoring circuitry does not depend on
EN and is active when UVLO is above its threshold. When UVLO
is below its threshold, VRFAN and VRHOT are forced low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com