Electronic Components Datasheet Search
  English  ▼

X  

ADP3192 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 16Page - Analog Devices ADP3192 Datasheet HTML 17Page - Analog Devices ADP3192 Datasheet HTML 18Page - Analog Devices ADP3192 Datasheet HTML 19Page - Analog Devices ADP3192 Datasheet HTML 20Page - Analog Devices ADP3192 Datasheet HTML 21Page - Analog Devices ADP3192 Datasheet HTML 22Page - Analog Devices ADP3192 Datasheet HTML 23Page - Analog Devices ADP3192 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP3192
Rev. 0 | Page 20 of 32
APPLICATION INFORMATION
The design parameters for a typical Intel VRD 11 compliant
CPU application are as follows:
•
Input voltage (VIN) = 12 V
•
VID setting voltage (VVID) = 1.300 V
•
Duty cycle (D) = 0.108
•
Nominal output voltage at no load (VONL) = 1.285 V
•
Nominal output voltage at 115 A load (VOFL) = 1.170 V
•
Static output voltage drop based on a 1.0 mΩ load line (RO)
from no load to full load (VD) = VONL − VOFL =
1.285 V − 1.170 V = 115 mV
•
Maximum output current (IO) = 130 A
•
Maximum output current step (ΔIO) = 100 A
•
Maximum output current slew rate (SR) = 200 A/μs
•
Number of phases (n) = 4
•
Switching frequency per phase (fSW) = 330 kHz
SETTING THE CLOCK FREQUENCY
The ADP3192 uses a fixed frequency control architecture. The
frequency is set by an external timing resistor (RT). The clock
frequency and the number of phases determine the switching
frequency per phase, which relates directly to switching losses
as well as the sizes of the inductors, the input capacitors, and
output capacitors. With n = 4 for four phases, a clock frequency
of 1.32 MHz sets the switching frequency (fSW) of each phase to
330 kHz, which represents a practical trade-off between the
switching losses and the sizes of the output filter components.
Figure 6 shows that to achieve a 1.32 MHz oscillator frequency,
the correct value for RT is 130 kΩ. Alternatively, the value for RT
can be calculated using
pF
6
1
×
×
=
SW
T
f
n
R
(1)
where 6 pF is the internal IC component values. For good initial
accuracy and frequency stability, a 1% resistor is recommended.
SOFT START DELAY TIME
The value of CSS sets the soft start time. The ramp is generated
with a 15 μA internal current source. The value for CSS can be
found using
BOOT
SS
V
TD
C
2
A
15
×
μ
=
(2)
where TD2 is the desired soft start time and VBOOT is internally
set to 1.1 V.
Assuming a desired TD2 time of 3 ms, CSS is 41 nF. The closest
standard value for CSS is 39 nF. Although CSS also controls the
time delay for TD4 (determined by the final VID voltage), the
minimum specification for TD4 is 0 ns. This means that as long
as the TD2 time requirement is met, TD4 is within the
specification.
CURRENT-LIMIT LATCH-OFF DELAY TIMES
The start-up and current-limit delay times are determined by
the capacitor connected to the DELAY pin. The first step is to
set CDLY for the TD1, TD3, and TD5 delay times (see Figure 7).
The DELAY ramp (IDELAY) is generated using a 15 μA internal
current source. The value for CDLY can be approximated using
)
(
)
(
TH
DELAY
DELAY
DLY
V
x
TD
I
C
×
=
(3)
where TD(x) is the desired delay time for TD1, TD3, and TD5.
The DELAY threshold voltage (VDELAY(TH)) is given as 1.7 V. In
this example, 2 ms is chosen for all three delay times, which
meets Intel specifications. Solving for CDLY gives a value of
17.6 nF. The closest standard value for CDLY is 18 nF.
When the ADP3192 enters current limit, the internal current
source changes from 15 μA to 3.75 μA. This makes the latch-off
delay time 4 times longer than the start-up delay time. Longer
latch-off delay times can be achieved by placing a resistor in
parallel with CDLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com