Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV112
Description  40 MHz Dual Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV112 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV112 Datasheet HTML 1Page - National Semiconductor (TI) LMV112 Datasheet HTML 2Page - National Semiconductor (TI) LMV112 Datasheet HTML 3Page - National Semiconductor (TI) LMV112 Datasheet HTML 4Page - National Semiconductor (TI) LMV112 Datasheet HTML 5Page - National Semiconductor (TI) LMV112 Datasheet HTML 6Page - National Semiconductor (TI) LMV112 Datasheet HTML 7Page - National Semiconductor (TI) LMV112 Datasheet HTML 8Page - National Semiconductor (TI) LMV112 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltages (V
+–V−)
5.5V
ESD Tolerance (Note 2)
Human Body
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (35 sec.)
235˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V−)
2.4V to 5.0V
Temperature Range (Notes 3, 4)
−40˚C to +85˚C
Package Thermal Resistance (Notes 3, 4)
LLP-8 (
θ
JA)
217˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, VDD = 2.7V, VSS = 0V, VCM = 1V, Enable1,2 =VDD,CL =20
pF, R
L =30k
Ω,C
COUPLING = 1 nF. Boldface limits apply at temperature range extremes of operating condition. See (Note 4)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
V
IN = 0.63 VPP;−3dB
40
MHz
FPBW
Full Power Bandwidth
V
IN = 1.6 VPP;−3dB
28
MHz
GFN
Gain Flatness < 0.1 dB
f > 100 kHz
3.4
MHz
Distortion and Noise Performance
e
n
Input-Referred Voltage Noise
f = 1 MHz
26
nV/
I
SOLATION
Output to Input
f = 1 MHz
91
dB
CT
Crosstalk Rejection
f = 26 MHz, P
IN = 0 dBm
54
dB
Time Domain Response
t
r
Rise Time
0.1 V
PP Step (10-90%),f=1MHz
7
ns
t
f
Fall Time
6ns
t
s
Settling Time to 0.1%
1 V
PP Step,f=1MHz
118
ns
OS
Overshoot
0.1 V
PP Step,f=1MHz
41
%
SR
Slew Rate (Note 7)
V
IN = 1.6 VPP,f=26MHz
110
V/µs
Static DC Performance
I
S
Supply Current
Enable
1,2 =VDD ; No Load
1.6
2.0
2.1
mA
Enable
1,2 =VSS ; No Load
59
72
78
µA
PSRR
Power Supply Rejection Ratio
DC (3.0V to 5.0V)
58
57
68
dB
A
CL
Small Signal Voltage Gain
V
OUT = 0.1 VPP
0.97
0.95
1.01
1.05
1.07
V/V
V
OS
Output Offset Voltage
0.4
16
17
mV
TC V
OS
Temperature Coefficient Output
Offset Voltage (Note 8)
4
µV/˚C
R
OUT
Output Resistance
f = 100 kHz
0.5
Ω
f = 26 MHz
140
Miscellaneous Performance
R
IN
Input Resistance per Buffer
Enable = V
DD
141
k
Ω
Enable = V
SS
141
C
IN
Input Capacitance per Buffer
Enable = V
DD
2.3
pF
Enable = V
SS
2.3
Z
IN
Input Impedance
f = 26 MHz, Enable = V
DD
10.4
k
Ω
f = 26 MHz, Enable = V
SS
10.9
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com