Electronic Components Datasheet Search
  English  ▼

X  

LMV112 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV112
Description  40 MHz Dual Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV112 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV112 Datasheet HTML 1Page - National Semiconductor (TI) LMV112 Datasheet HTML 2Page - National Semiconductor (TI) LMV112 Datasheet HTML 3Page - National Semiconductor (TI) LMV112 Datasheet HTML 4Page - National Semiconductor (TI) LMV112 Datasheet HTML 5Page - National Semiconductor (TI) LMV112 Datasheet HTML 6Page - National Semiconductor (TI) LMV112 Datasheet HTML 7Page - National Semiconductor (TI) LMV112 Datasheet HTML 8Page - National Semiconductor (TI) LMV112 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMV112
40 MHz Dual Clock Buffer
General Description
The LMV112 is a high speed dual clock buffer designed for
portable communications and accurate multi-clock systems.
The LMV112 integrates two 40 MHz low noise buffers which
optimizes application and out performs large discrete solu-
tions. This device enables superb system operation between
the base band and the oscillator signal path while eliminating
crosstalk.
National Semiconductor’s unique technology and design de-
liver accuracy, capacitance and load resistance while in-
creasing the drive capability of the device. The low power
consumption makes the LMV112 perfect for battery applica-
tions.
The robust, independent, and flexible buffers are designed to
provide the customer with the ability to manage complex
clock signals in the latest wireless applications. The buffers
deliver 110 V/µs internal slew rate with independent shut-
down and duty cycle precision. The patented analog circuit
drives capacitive loads beyond 20 pF. National’s proven
biasing technique has 1V centering, rail-to-rail input/output
unity gain, and AC coupled convenient inputs. These inte-
grated cells save space and require no external bias resis-
tors. National’s rapid recovery after disable optimizes perfor-
mance and current consumption. The LMV112 offers
individual enable pin controls and since there is no internal
ground reference either single or split supply configurations
offer additional system flexibility and power choices.
The LMV112 is a proven replacement for any discrete cir-
cuitry and simplifies board layout while minimizing related
parasitic components.
The LMV112 is produced in the small LLP package which
offers high quality while minimizing its use of PCB space.
National’s advanced packaging offers direct PCB-IC evalu-
ation via pin access.
Features
(Typical values are: V
SUPPLY = 2.7V and CL = 20 pF, unless
otherwise specified)
n
Small signal bandwidth
40 MHz
n
Supply voltage range
2.4V to 5V
n
Slew rate
110 V/µs
n
Total supply current
1.6 mA
n
Shutdown current
59 µA
n
Rail-to-rail input and output
n
Individual buffer enable pins
n
Rapid T
on technology
n
Crosstalk rejection circuitry
n
8-pin LLP, pin access packaging
n
Temperature range
−40˚C to 85˚C
Applications
n
3G mobile applications
n
WLAN–WiMAX modules
n
TD_SCDMA multi-mode MP3 and camera
n
GSM modules
n
Oscillator modules
Typical Application
20135302
June 2005
© 2005 National Semiconductor Corporation
DS201353
www.national.com


Similar Part No. - LMV112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV112 TI-LMV112 Datasheet
1Mb / 22P
Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
LMV112 TI1-LMV112 Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMV112 TI2-LMV112 Datasheet
952Kb / 23P
LMV112 40 MHz Dual Clock Buffer
REVISED MAY 2013
LMV112SD TI1-LMV112SD Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMV112SD/NOPB TI1-LMV112SD/NOPB Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
More results

Similar Description - LMV112

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
200-MHz Differential Clock Buffer/Driver
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
75 MHz Dual Clock Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
LMH2180 75 MHz Dual Clock Buffer
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
75 MHz Dual Clock Buffer
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com