Electronic Components Datasheet Search
  English  ▼

X  

INA206 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA206 Datasheet HTML 7Page - Texas Instruments INA206 Datasheet HTML 8Page - Texas Instruments INA206 Datasheet HTML 9Page - Texas Instruments INA206 Datasheet HTML 10Page - Texas Instruments INA206 Datasheet HTML 11Page - Texas Instruments INA206 Datasheet HTML 12Page - Texas Instruments INA206 Datasheet HTML 13Page - Texas Instruments INA206 Datasheet HTML 14Page - Texas Instruments INA206 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
11
APPLICATIONS INFORMATION
BASIC CONNECTION
Figure 2 shows the basic connection of the INA206,
INA207, and INA208. The input pins, VIN+ and VIN−, should
be connected as closely as possible to the shunt resistor
to minimize any resistance in series with the shunt
resistance.
Power-supply bypass capacitors are required for stability.
Applications with noisy or high impedance power supplies
may require additional decoupling capacitors to reject
power-supply noise. Connect bypass capacitors close to
the device pins.
POWER SUPPLY
The input circuitry of the INA206, INA207, and INA208 can
accurately measure beyond the power-supply voltage, V+.
For example, the V+ power supply can be 5V, whereas the
load power-supply voltage is up to +80V. The output
voltage range of the OUT terminal, however, is limited by
the voltages on the power-supply pin.
ACCURACY VARIATIONS AS A RESULT OF
VSENSE AND COMMON-MODE VOLTAGE
The accuracy of the INA206, INA207, and INA208 current
shunt monitors is a function of two main variables: VSENSE
(VIN+ − VIN−) and common-mode voltage, VCM, relative to
the supply voltage, VS. VCM is expressed as (VIN+ + VIN−)/2;
however, in practice, VCM is seen as the voltage at VIN+
because the voltage drop across VSENSE is usually small.
This section addresses the accuracy of these specific
operating regions:
Normal Case 1: VSENSE
≥ 20mV, VCM ≥ VS
Normal Case 2: VSENSE
≥ 20mV, VCM < VS
Low VSENSE Case 1: VSENSE < 20mV, −16V
≤ VCM < 0
Low VSENSE Case 2: VSENSE < 20mV, 0V
≤ VCM ≤ VS
Low VSENSE Case 3: VSENSE < 20mV, VS < VCM
≤ 80V
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
This region of operation provides the highest accuracy.
Here, the input offset voltage is characterized and
measured using a two-step method. First, the gain is
determined by Equation (1).
G
+
V
OUT1 * VOUT2
100mV
* 20mV
where:
VOUT1 = Output Voltage with VSENSE = 100mV
VOUT2 = Output Voltage with VSENSE = 20mV
Then the offset voltage is measured at VSENSE = 100mV
and referred to the input (RTI) of the current shunt monitor,
as shown in Equation (2).
V
OSRTI (Referred−To−Input) +
V
OUT1
G
* 100mV
In the Typical Characteristics, the Output Error vs
Common-Mode
Voltage
curve
shows
the
highest
accuracy for the this region of operation. In this plot,
VS = 12V; for VCM
≥ 12V, the output error is at its minimum.
This case is also used to create the VSENSE
≥ 20mV output
specifications in the Electrical Characteristics table.
INA206
x20
R
SHUNT
3m
Ω
Load Supply
−18V to +80V
Load
5V Supply
Optional Delay
Capacitor
0.2
µF/s
C
BYPASS
0.01
µF
V
S
OUT
CMP1 IN
−/0.6 REF
CMP1 IN+
CMP2 IN
−
CMP2 IN+/0.6 REF
GND
V
IN+
V
IN
−
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
Current Shunt
Monitor Output
1.2V REF
R
PULL−UP
4.7k
Ω
R
PULL−UP
4.7k
Ω
Transparent/Reset
Latch
Figure 2. INA20x Basic Connection
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com