Electronic Components Datasheet Search
  English  ▼

X  

INA206 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA206 Datasheet HTML 13Page - Texas Instruments INA206 Datasheet HTML 14Page - Texas Instruments INA206 Datasheet HTML 15Page - Texas Instruments INA206 Datasheet HTML 16Page - Texas Instruments INA206 Datasheet HTML 17Page - Texas Instruments INA206 Datasheet HTML 18Page - Texas Instruments INA206 Datasheet HTML 19Page - Texas Instruments INA206 Datasheet HTML 20Page - Texas Instruments INA206 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
17
INA206
x20
V
IN+
V
IN
−
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
V
S
OUT
CMP1 IN
−/0.6 REF
CMP1 IN+
CMP2 IN
−
CMP2 IN+/0.6 REF
GND
1.2V REF
Load
Supply
Lower Window
Voltage
Upper Window
Voltage
R
SHUNT
+5V Supply
R
PULL−UP
1k
Ω
a) Generic Window Comparator
INA206
x20
V
IN+
V
IN
−
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
V
S
OUT
CMP1 IN
−/0.6 REF
CMP1 IN+
CMP2 IN
−
CMP2 IN+/0.6 REF
GND
1.2V REF
Load
Supply
R
SHUNT
+5V Supply
R
PULL−UP
1k
Ω
INA206
x20
V
IN+
V
IN
−
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
V
S
OUT
CMP1 IN
−/0.6 REF
CMP1 IN+
CMP2 IN
−
CMP2 IN+/0.6 REF
GND
1.2V REF
Load
Supply
R
SHUNT
+5V Supply
R
PULL−UP
1k
Ω
R
3
R
4
R
1
R
2
c) Window Comparator with Individual Dividers
V
UPPER =
0.6(R
1 +R2)
R
2
V
LOWER =
0.6(R
3 +R4)
R
4
b) Window Comparator with +1.2V Upper Limit and +0.6V Lower Limit
Figure 13. Using the INA206, INA207, and INA208 as Window Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com