Electronic Components Datasheet Search
  English  ▼

X  

INA206 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA206 Datasheet HTML 9Page - Texas Instruments INA206 Datasheet HTML 10Page - Texas Instruments INA206 Datasheet HTML 11Page - Texas Instruments INA206 Datasheet HTML 12Page - Texas Instruments INA206 Datasheet HTML 13Page - Texas Instruments INA206 Datasheet HTML 14Page - Texas Instruments INA206 Datasheet HTML 15Page - Texas Instruments INA206 Datasheet HTML 16Page - Texas Instruments INA206 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
13
TRANSIENT PROTECTION
The −16V to +80V common-mode range of the INA206,
INA207, and INA208 is ideal for withstanding automotive
fault conditions ranging from 12V battery reversal up to
+80V
transients,
since
no
additional
protective
components are needed up to those levels. In the event
that the INA206, INA207, and INA208 are exposed to
transients on the inputs in excess of their ratings, then
external transient absorption with semiconductor transient
absorbers (zeners or Transzorbs) will be necessary. Use
of MOVs or VDRs is not recommended except when they
are used in addition to a semiconductor transient absorber.
Select the transient absorber such that it will never allow
the INA206, INA207, and INA208 to be exposed to
transients greater than +80V (that is, allow for transient
absorber tolerance, as well as additional voltage due to
transient absorber dynamic impedance). Despite the use
of internal zener-type ESD protection, the INA206,
INA207, and INA208 do not lend themselves to using
external resistors in series with the inputs since the internal
gain resistors can vary up to
±30%. (If gain accuracy is not
important, then resistors can be added in series with the
INA206, INA207, and INA208 inputs with two equal
resistors on each input.)
OUTPUT VOLTAGE RANGE
The output of the INA206, INA207, and INA208 is accurate
within the output voltage swing range set by the power
supply pin, V+. This performance is best illustrated when
using the INA208 (a gain of 100 version), where a 100mV
full-scale input from the shunt resistor requires an output
voltage swing of +10V, and a power-supply voltage
sufficient to achieve +10V on the output.
INPUT FILTERING
An obvious and straightforward location for filtering is at
the output of the INA206, INA207, and INA208 series;
however, this location negates the advantage of the low
output impedance of the internal buffer. The only other
option for filtering is at the input pins of the INA206,
INA207, and INA208, which is complicated by the internal
5k
Ω + 30% input impedance; this is shown in Figure 5.
Using the lowest possible resistor values minimizes both
the initial shift in gain and effects of tolerance. The effect
on initial gain is given by Equation (3):
Gain Error%
+ 100 * 100
5k
W
5k
W ) R
FILT
Total effect on gain error can be calculated by replacing the
5k
Ω term with 5kΩ − 30%, (or 3.5kΩ) or 5kΩ + 30% (or
6.5k
Ω). The tolerance extremes of RFILT can also be
inserted into the equation. If a pair of 100
Ω 1% resistors
are used on the inputs, the initial gain error will be 1.96%.
Worst-case tolerance conditions will always occur at the
lower excursion of the internal 5k
Ω resistor (3.5kΩ), and
the higher excursion of RFILT − 3% in this case.
Note that the specified accuracy of the INA206, INA207,
and INA208 must then be combined in addition to these
tolerances. While this discussion treated accuracy
worst-case conditions by combining the extremes of the
resistor values, it is appropriate to use geometric mean or
root sum square calculations to total the effects of
accuracy variations.
R
SHUNT << RFILTER
3m
Ω
V
SUPPLY
Load
R
FILTER <100Ω
R
FILTER <100Ω
C
FILTER
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
V
IN+
V
IN
−
V
S
OUT
CMP1 IN−/0.6V REF
CMP1 IN+
CMP2 IN
−
CMP2 IN+/0.6V REF
GND
INA206
− INA208
SO−14, TSSOP−14
1.2V REF
f−3dB =
1
2
π(2R
FILTER)CFILTER
f−3dB
Figure 5. Input Filter (Gain Error − 1.5% to −2.2%)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com