Electronic Components Datasheet Search
  English  ▼

X  

INA206 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206 Datasheet(HTML) 2 Page - Texas Instruments

  INA206 Datasheet HTML 1Page - Texas Instruments INA206 Datasheet HTML 2Page - Texas Instruments INA206 Datasheet HTML 3Page - Texas Instruments INA206 Datasheet HTML 4Page - Texas Instruments INA206 Datasheet HTML 5Page - Texas Instruments INA206 Datasheet HTML 6Page - Texas Instruments INA206 Datasheet HTML 7Page - Texas Instruments INA206 Datasheet HTML 8Page - Texas Instruments INA206 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current-Shunt Monitor Analog Inputs, VIN+ and VIN−:
Differential (VIN+) − (VIN−)
−18V to +18V
. . . . . . . . . . . . . . . . . .
Common-Mode(2)
−16V to +80V
. . . . . . . . . . . . . . . . . . . . . . . .
Comparator Analog Input and Reset Pins(2):
GND − 0.3V to (V+) + 0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Output, Out Pin(2)
GND − 0.3V to (V+) + 0.3V
. . . . . . . . . .
Comparator Output, Out Pin(2)
GND − 0.3V to 18V
. . . . . . . . . . . . .
VREF and CMP2 Delay Pin
GND − 0.3V to 10V
. . . . . . . . . . . . . . . .
Input Current Into Any Pin(2)
5mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to −150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Ratings:
Human Body Model (HBM)
4000V
. . . . . . . . . . . . . . . . . . . . . . .
Charged Device Model (CDM)
1000V
. . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) This voltage may exceed the ratings shown if the current at that
pin is limited to 5mA.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
GAIN
PACKAGE-
LEAD
PACKAGE
DESIGNATOR
PACKAGE
MARKING
1.2V
REF OUT
EXTERNAL
COMP1 AND
COMP2
REF INPUTS
INTERNAL
COMP1 AND
COMP2
0.6V REF
COMP2
DELAY PIN
INA206
20V/V
SO-14
D
INA206A
X
X
X
X
INA206
20V/V
TSSOP-14(3)
PW
INA206A
X
X
X
X
INA206
20V/V
MSOP-10(3)
DGS
BQQ
X
SO-14(2)
D
INA207A
X
X
X
X
INA207
50V/V
TSSOP-14(3)
PW
INA207A
X
X
X
X
INA207
50V/V
MSOP-10(3)
DGS
BQR
X
SO-14(2)
D
INA208A
X
X
X
X
INA208
100V/V
TSSOP-14(3)
PW
INA208A
X
X
X
X
INA208
100V/V
MSOP-10(3)
DGS
BQS
X
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
(2) Available Q4 ’06.
(3) Available Q2 ’07.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com