Electronic Components Datasheet Search
  English  ▼

X  

INA206 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA206
Description  High-Side Measurement Current-Shunt Monitor with Dual Comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA206 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA206 Datasheet HTML 8Page - Texas Instruments INA206 Datasheet HTML 9Page - Texas Instruments INA206 Datasheet HTML 10Page - Texas Instruments INA206 Datasheet HTML 11Page - Texas Instruments INA206 Datasheet HTML 12Page - Texas Instruments INA206 Datasheet HTML 13Page - Texas Instruments INA206 Datasheet HTML 14Page - Texas Instruments INA206 Datasheet HTML 15Page - Texas Instruments INA206 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
INA206
INA207
INA208
SBOS360 − JULY 2006
www.ti.com
12
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
This region of operation has slightly less accuracy than
Normal Case 1 as a result of the common-mode operating
area in which the part functions, as seen in the Output Error
vs Common-Mode Voltage curve. As noted, for this graph
VS = 12V; for VCM < 12V, the Output Error increases as VCM
becomes less than 12V, with a typical maximum error of
0.005% at the most negative VCM = −16V.
Low VSENSE Case 1:
VSENSE < 20mV, −16V ≤ VCM < 0;
and Low VSENSE Case 3:
VSENSE < 20mV, VS < VCM ≤ 80V
Although the INA206 family of devices are not designed for
accurate operation in either of these regions, some
applications are exposed to these conditions; for example,
when monitoring power supplies that are switched on and
off while VS is still applied to the INA206, INA207, or
INA208. It is important to know what the behavior of the
devices will be in these regions.
As VSENSE approaches 0mV, in these VCM regions, the
device output accuracy degrades. A larger-than-normal
offset can appear at the current shunt monitor output with
a typical maximum value of VOUT = 300mV for
VSENSE = 0mV. As VSENSE approaches 20mV, VOUT returns
to the expected output value with accuracy as specified in
the Electrical Characteristics. Figure 3 illustrates this
effect using the INA208 (Gain = 100).
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
1012
1416
18
V
SENSE (mV)
20
Actual
Ideal
Figure 3. Example for Low VSENSE Cases 1 and 3
(INA208, Gain = 100)
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM ≤ VS
This region of operation is the least accurate for the
INA206 family. To achieve the wide input common-mode
voltage range, these devices use two op amp front ends in
parallel. One op amp front end operates in the positive
input common-mode voltage range, and the other in the
negative input region. For this case, neither of these two
internal amplifiers dominates and overall loop gain is very
low. Within this region, VOUT approaches voltages close to
linear operation levels for Normal Case 2. This deviation
from linear operation becomes greatest the closer VSENSE
approaches 0V. Within this region, as VSENSE approaches
20mV, device operation is closer to that described by
Normal Case 2. Figure 4 illustrates this behavior for the
INA208. The VOUT maximum peak for this case is tested
by maintaining a constant VS, setting VSENSE = 0mV and
sweeping VCM from 0V to VS. The exact VCM at which VOUT
peaks during this test varies from part to part, but the VOUT
maximum peak is tested to be less than the specified VOUT
Tested Limit.
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
SENSE (mV)
24
INA208 V
OUT Tested Limit
(1)
VCM2
VCM1
V
CM3
V
CM4
V
CM2,VCM3,and VCM4 illustrate the variance
from part to part of the VCM that can cause
maximum V
OUT with VSENSE < 20mV.
V
OUT Tested Limit at
V
SENSE =0mV, 0 ≤ VCM1 ≤ VS.
NOTE: (1) INA206 V
OUT Tested Limit = 0.4V. INA207 VOUT Tested Limit = 1V.
Ideal
Figure 4. Example for Low VSENSE Case 2 (INA208,
Gain = 100)
SELECTING RS
The value chosen for the shunt resistor, RS, depends on
the application and is a compromise between small-signal
accuracy and maximum permissible voltage loss in the
measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of
offset, while low values of RS minimize voltage loss in the
supply line. For most applications, best performance is
attained with an RS value that provides a full-scale shunt
voltage range of 50mV to 100mV. Maximum input voltage
for accurate measurements is 500mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com