Electronic Components Datasheet Search
  English  ▼

X  

MCP6486 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6486
Description  10 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6486 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6486 Datasheet HTML 14Page - Microchip Technology MCP6486 Datasheet HTML 15Page - Microchip Technology MCP6486 Datasheet HTML 16Page - Microchip Technology MCP6486 Datasheet HTML 17Page - Microchip Technology MCP6486 Datasheet HTML 18Page - Microchip Technology MCP6486 Datasheet HTML 19Page - Microchip Technology MCP6486 Datasheet HTML 20Page - Microchip Technology MCP6486 Datasheet HTML 21Page - Microchip Technology MCP6486 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
MCP6486/6R/6U/7/9
DS20006679A-page 18
 2022 Microchip Technology Inc. and its subsidiaries
4.9
Application Circuits
4.9.1
MULTIPLE FEEDBACK LOW-PASS
FILTER
The MCP6486/6R/6U/7/9 Op Amp can be used in
active-filter applications. Figure 4-8 shows an inverting,
third-order, multiple feedback low-pass filter that can be
used as an anti-aliasing filter.
FIGURE 4-8:
Multiple Feedback
Low-Pass Filter.
4.9.2
PHOTODIODE AMPLIFIER
Figure 4-9 shows a photodiode biased in the
photovoltaic mode for high precision. The resistor R
converts the diode current ID to the voltage VOUT. The
capacitor is used to limit the bandwidth or to stabilize
the circuit against the diode's capacitance.
FIGURE 4-9:
Photodiode Amplifier.
VOUT
MCP6486
R1
VIN
C1
R2
R3
C3
+
-
VDD/2
R4
C4
VOUT
MCP6486
R
C
+
-
VDD/2
light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com