Electronic Components Datasheet Search
  English  ▼

X  

MCP6486 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6486
Description  10 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6486 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6486 Datasheet HTML 1Page - Microchip Technology MCP6486 Datasheet HTML 2Page - Microchip Technology MCP6486 Datasheet HTML 3Page - Microchip Technology MCP6486 Datasheet HTML 4Page - Microchip Technology MCP6486 Datasheet HTML 5Page - Microchip Technology MCP6486 Datasheet HTML 6Page - Microchip Technology MCP6486 Datasheet HTML 7Page - Microchip Technology MCP6486 Datasheet HTML 8Page - Microchip Technology MCP6486 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006679A-page 3
MCP6486/6R/6U/7/9
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
105
130
—
dB
0.2 < VOUT < (VDD -0.2V)
Output
High-Level Output Voltage
VOH
VDD –10 VDD –3.5
—
mV
VDD = 5.5V, RL = 10 k
VDD –50 VDD –30
—
VDD = 5.5V, RL = 1 k
Low-Level Output Voltage
VOL
—VSS +3.5 VSS +10
mV
VDD = 5.5V, RL = 10 k
—VSS +30 VSS +50
VDD = 5.5V, RL = 1 k
Output Short-Circuit Current
ISC
—±11
—
mA
VDD = 1.8V
—±50
—
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per Amplifier
IQ
—
550
720
µA
IO = 0
Startup Time
tstart
—2.3
—
µs
VDD = 0V to 5.5V
Crosstalk
—
135
—
dB
AC Electrical Specifications
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM =VDD/4,
VOUT =VDD/2, VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
10
—
MHz
Phase Margin
PM
—
60
—
°
G = +1 V/V
Slew Rate
SR
—
20
—
V/µs
VDD = 5.5V, VIN > 4V
Settling Time
ts
—
0.4
—
µs
To 0.1%, VDD = 5V, 2V
step, G = +1
—
0.5
—
To 0.01%, VDD = 5V, 2V
step, G = +1
Total Harmonic Distortion + Noise
THD+N
—
0.002
—
%
VDD = 5V, Vo = 1 VRMS,
G = +1, f = 1 kHz, 80 kHz
measurement BW.
Noise
Input Noise Voltage
Eni
—3.4
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—16
—
nV/
Hz f = 1 kHz
—10
—
nV/
Hz f = 10 kHz
Input Noise Current Density
ini
—0.6
—
fA/
Hz
f = 1 kHz
DC Electrical Specifications (Continued)
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM =VDD/4,
VOUT =VDD/2, VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com