Electronic Components Datasheet Search
  English  ▼

X  

MCP6486 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP6486
Description  10 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6486 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP6486 Datasheet HTML 38Page - Microchip Technology MCP6486 Datasheet HTML 39Page - Microchip Technology MCP6486 Datasheet HTML 40Page - Microchip Technology MCP6486 Datasheet HTML 41Page - Microchip Technology MCP6486 Datasheet HTML 42Page - Microchip Technology MCP6486 Datasheet HTML 43Page - Microchip Technology MCP6486 Datasheet HTML 44Page - Microchip Technology MCP6486 Datasheet HTML 45Page - Microchip Technology MCP6486 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006679A-page 43
MCP6486/6R/6U/7/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6486
Single Op Amp
MCP6486T
Single Op Amp (Tape and Reel)
(SC-70, SOT-23)
MCP6486RT
Single Op Amp (Tape and Reel) (SOT-23)
MCP6486UT
Single Op Amp (Tape and Reel)
(SC-70, SOT-23)
MCP6487
Dual Op Amp
MCP6487T
Dual Op Amp
(Tape and Reel for SOIC, MSOP)
MCP6489
Quad Op Amp
MCP6489T
Quad Op Amp
(Tape and Reel for TSSOP and SOIC)
Temperature Range: E =
-40°C to +125°C
Package: LT
= Plastic Package (SC-70), 5-lead (MCP6486 only)
OT
= Plastic Small Outline transistor (SOT-23), 5-Lead,
(MCP6486 only)
SN
= Plastic Small Outline, (3.90 mm), 8-lead (MCP6487)
MS = Plastic MSOP, 8-lead MCP6487 only)
ST
= Plastic Thin Shrink Small Outline (4.4 mm), 14-Lead,
(MCP6489 only)
SL
= Plastic Small Outline, (3.90 mm), 14-Lead (MCP6489 only)
Class:
(Blank)= Non-Automotive
VAO = Automotive
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6486T-E/LT:
Tape and Reel,
Extended temperature,
5LD SC-70 package
b )
MCP6486T-E/OT:
Tape and Reel,
Extended temperature,
5LD SOT-23 package
c)
MCP6486RT-E/OT:
Tape and Reel,
Extended temperature,
5LD SOT-23 package
d)
MCP6486UT-E/LT:
Tape and Reel,
Extended temperature,
5LD SC-70 package
e)
MCP6486UT-E/OT:
Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6487-E/SN:
Extended temperature,
8LD SOIC package
b)
MCP6487-E/MS:
Extended temperature,
8LD MSOP package
c)
MCP6487T-E/SN:
Tape and Reel,
Extended temperature,
8LD SOIC package
d)
MCP6487T-E/MS:
Tape and Reel,
Extended temperature,
8LD MSOP package
a)
MCP6489-E/ST:
Future Release
b)
MCP6489-E/SL:
Extended temperature,
14LD SOIC package
c)
MCP6489T-E/ST:
Future Release
d)
MCP6489T-E/SL:
Tape and Reel,
Extended temperature,
14LD SOIC package
Tape and Reel
Option
CLASS
Note 1: The Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering purposes
and is not printed on the device package. Check with your
Microchip Sales Office for package availability with the Tape and
Reel option.
2: Automotive parts are AEC-Q100 qualified. Grade 1.
X(1)
XXX(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com