Electronic Components Datasheet Search
  English  ▼

X  

MCP6486 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6486
Description  10 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6486 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6486 Datasheet HTML 7Page - Microchip Technology MCP6486 Datasheet HTML 8Page - Microchip Technology MCP6486 Datasheet HTML 9Page - Microchip Technology MCP6486 Datasheet HTML 10Page - Microchip Technology MCP6486 Datasheet HTML 11Page - Microchip Technology MCP6486 Datasheet HTML 12Page - Microchip Technology MCP6486 Datasheet HTML 13Page - Microchip Technology MCP6486 Datasheet HTML 14Page - Microchip Technology MCP6486 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006679A-page 11
MCP6486/6R/6U/7/9
Note:
Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM = VDD/4, VOUT =VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
2.5
Time Response
FIGURE 2-31:
Small Signal Noninverting
Pulse Response.
FIGURE 2-32:
Small Signal Inverting Pulse
Response.
FIGURE 2-33:
Large Signal Noninverting
Pulse Response.
FIGURE 2-34:
Large Signal Inverting Pulse
Response.
FIGURE 2-35:
The MCP6486/6R/6U/7/9
Device Shows No Phase Reversal.
FIGURE 2-36:
Slew Rate vs Input Voltage.
Time (10 μs/div)
V
DD = 5.5V
G = +1 V/V
V
IN
V
OUT
Time (10 μs/div)
V
DD = 5.5V
G = -1 V/V
V
IN
V
OUT
0
1
2
3
4
5
6
Time (1 μs/div)
V
DD = 5.5V
G = +1 V/V
V
IN
V
OUT
0
1
2
3
4
5
6
Time (1 μs/div)
V
DD = 5.5V
G = 1 V/V
V
IN
V
OUT
-1
0
1
2
3
4
5
6
7
Time (2 ms/div)
V
DD = 5.5V
G = +1 V/V
V
OUT
V
IN
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Input Voltage (V)
Rising Edge, V
DD = 1.8V
Falling Edge, V
DD = 1.8V
Rising Edge, V
DD = 5.5V
Falling Edge, V
DD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com