Electronic Components Datasheet Search
  English  ▼

X  

MCP6486 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6486
Description  10 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6486 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6486 Datasheet HTML 12Page - Microchip Technology MCP6486 Datasheet HTML 13Page - Microchip Technology MCP6486 Datasheet HTML 14Page - Microchip Technology MCP6486 Datasheet HTML 15Page - Microchip Technology MCP6486 Datasheet HTML 16Page - Microchip Technology MCP6486 Datasheet HTML 17Page - Microchip Technology MCP6486 Datasheet HTML 18Page - Microchip Technology MCP6486 Datasheet HTML 19Page - Microchip Technology MCP6486 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCP6486/6R/6U/7/9
DS20006679A-page 16
 2022 Microchip Technology Inc. and its subsidiaries
4.1.4
NORMAL OPERATION
The input stage of the MCP6486/6R/6U/7/9 op amp
uses two differential input stages in parallel. One
operates at a low Common mode input voltage (VCM),
while the other operates at a high VCM. With this
topology, the device operates with a VCM up to 300 mV
above VDD and 300 mV below VSS. The input offset
voltage is measured at VCM =VSS -0.3V and
VDD + 0.3V to ensure proper operation.
The transition between the input stages occurs when
VCM is near VDD -0.9V (see Figures 2-3 and 2-4). For
the best distortion performance and gain linearity, with
noninverting gains, avoid this region of operation.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6486/6R/6U/7/9
op amp is 0.003V (typical) and 5.496V (typical) when
RL =10k is connected to VDD/2 and VDD =5.5V.
Refer to Figures 2-16 and 2-17 for more information.
4.3
Start-up
The MCP6486/6R/6U/7/9 family of parts quickly
controls the output when power (VDD) is initially applied
to the device (start-up). Bypass capacitors are
removed during the start-up testing to minimize the
inrush currents (see Figure 4-3). When the op amp is
controlled and is off, the output impedance is high and
VOUT is the input sine wave; this is used as the start-up
time.
FIGURE 4-3:
Start-Up Test Circuit.
Figure 4-4 shows the input voltage (blue line) for the
MCP6487 and the output voltage (red line). When
power is first applied to the MCP6487, the output is
turned off (Point A) and is driven by the load. After
2.3 µs (typical), the output is turned on (Point B) and
VOUT follows the input sine wave.
FIGURE 4-4:
Start-Up Test Waveforms.
4.4
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases, and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. While a unity-gain buffer (G = +1 V/V) is the
most sensitive to the capacitive loads, all gains show
the same general behavior.
When driving large capacitive loads with the
MCP6486/6R/6U/7/9 op amp, a small series resistor at
the output (RISO in Figure 4-5) improves the feedback
loop’s phase margin (stability) by making the output
load resistive at higher frequencies. The bandwidth will
be generally lower than the bandwidth with no
capacitance load.
FIGURE 4-5:
Output Resistor, RISO
Stabilizes Large Capacitive Loads.
4.5
Supply Bypass
The MCP6486/6R/6U/7/9 op amp’s power supply pin
(VDD for single-supply) should have a local bypass
capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good
high-frequency performance. It can use a bulk
capacitor (i.e., 1 µF or larger) within 100 mm to provide
large, slow currents. This bulk capacitor can be shared
with other analog parts.
+
-
RL
VDD
VSS
VL = 1V
VDD
0
5.5V
VOUT
0
1
2
3
4
5
6
Time (1 μs/div)
A
B
V
DD = 5.5V
No Bypass Capacitors
V
IN = 100mVPP
V
OUT
t
start
VIN
RISO
VOUT
CL
–
+
MCP648x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com