Electronic Components Datasheet Search
  English  ▼

X  

VCNL4040 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VCNL4040 Datasheet HTML 2Page - Vishay Siliconix VCNL4040 Datasheet HTML 3Page - Vishay Siliconix VCNL4040 Datasheet HTML 4Page - Vishay Siliconix VCNL4040 Datasheet HTML 5Page - Vishay Siliconix VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix VCNL4040 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
6
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL PERFORMANCE CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Normalized Spectral Response
Fig. 5 - Forward Current IF = f (VF)
Fig. 6 - ALS Refresh Time vs. Maximum Detection Range
Fig. 7 - IDD vs.Temperature
Fig. 8 - ALS View Angle
Fig. 9 - White Channel Spectral Response
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
900
1000
Axis Title
λ - Wavelength (nm)
2nd line
PS-CH
ALS-CH
10
100
1000
10000
0.1
100
1000
1.0
1.5
2.0
2.5
4.5
Axis Title
Forward Voltage (V)
5.0
10
1
DC current
Pulse current
4.0
3.5
3.0
10
100
1000
10000
0
10 000
20 000
30 000
40 000
50 000
60 000
70 000
0
2000
4000
6000
8000
10 000
Axis Title
Lux
2nd line
80 ms
160 ms
320 ms
640 ms
10
100
1000
10000
150
160
250
-40
20406080
Axis Title
T
amb - Ambient Temperature (°C)
100
240
230
220
210
200
190
180
170
0
-20
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90
-60
-30
0
30
60
90
Axis Title
2nd line
M - Angular Displacement (°)
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
500
600
700
800
900
1000
Axis Title
Wavelength (nm)
2nd line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com