Electronic Components Datasheet Search
  English  ▼

X  

VCNL4040 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button VCNL4040 Datasheet HTML 12Page - Vishay Siliconix VCNL4040 Datasheet HTML 13Page - Vishay Siliconix VCNL4040 Datasheet HTML 14Page - Vishay Siliconix VCNL4040 Datasheet HTML 15Page - Vishay Siliconix VCNL4040 Datasheet HTML 16Page - Vishay Siliconix VCNL4040 Datasheet HTML 17Page - Vishay Siliconix VCNL4040 Datasheet HTML 18Page - Vishay Siliconix VCNL4040 Datasheet HTML 19Page - Vishay Siliconix VCNL4040 Datasheet HTML 20Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
16
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAYOUT PAD INFORMATION (VCNL4040M3OE-H3, VCNL4040M3OE-H5) in millimeters
Fig. 18 - VCNL4040M3OE-H3 and H5 PCB Layout Footprint
APPLICATION CIRCUIT BLOCK REFERENCE
Fig. 19 - VCNL4040 Application Circuit
(VDD (sensor and LED) suggestion circuit)
Pad Center to Center
1.7
0.9 x 8
0.45
0.8
INT
INT
SCLK
8
7
3
2
1
0.1 μF
GND
SDAT
SCK
SDA
6
2.2 k
Ω
2.2 k
Ω
V
DD
2.2 μF
8.2 k
Ω
5
Cathode
(sensor)
Anode
4
VCNL4040
Cathode
(LED)
V
Pull_up
Baseband
22
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com