Electronic Components Datasheet Search
  English  ▼

X  

VCNL4040 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix VCNL4040 Datasheet HTML 10Page - Vishay Siliconix VCNL4040 Datasheet HTML 11Page - Vishay Siliconix VCNL4040 Datasheet HTML 12Page - Vishay Siliconix VCNL4040 Datasheet HTML 13Page - Vishay Siliconix VCNL4040 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
10
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TABLE 3 - REGISTER: 00H_H DESCRIPTION
REGISTER: Reserved
COMMAND CODE: 0x00_H (0x00 DATA BYTE HIGH)
Command
Bit
Description
Reserved
7 : 0
Default = (0 : 0 : 0 : 0 : 0 : 0 : 0 : 0)
TABLE 4 - REGISTER ALS_THDH_L AND ALS_THDH_M DESCRIPTION
COMMAND CODE: 0x01_L (0x01 DATA BYTE LOW) OR 0x01_H (0x01 DATA BYTE HIGH)
Register
Bit
Description
ALS_THDH_L
7 : 0
0x00 to 0xFF, ALS high interrupt threshold LSB byte
ALS_THDH_M
7 : 0
0x00 to 0xFF, ALS high interrupt threshold MSB byte
TABLE 5 - REGISTER: ALS_THDL_L AND ALS_THDL_M DESCRIPTION
COMMAND CODE: 0x02_L (0x02 DATA BYTE LOW) AND 0x02_H(0x02 DATA BYTE HIGH)
Register
Bit
Description
ALS_THDL_L
7 : 0
0x00 to 0xFF, ALS low interrupt threshold LSB byte
ALS_THDL_M
7 : 0
0x00 to 0xFF, ALS low interrupt threshold MSB byte
TABLE 6 - REGISTER: PS_CONF1 DESCRIPTION
REGISTER: PS_CONF1
COMMAND CODE: 0x03_L (0x03 DATA BYTE LOW)
Command
Bit
Description
PS_Duty
7 : 6
(0 : 0) = 1/40, (0 : 1) = 1/80, (1 : 0) = 1/160, (1 : 1) = 1/320
PS IRED on / off duty ratio setting
PS_PERS
5 : 4
(0 : 0) = 1, (0 : 1) = 2, (1 : 0) = 3, (1 : 1) = 4
PS interrupt persistence setting
PS_ IT
3 : 1
(0 : 0 : 0) = 1T, (0 : 0 : 1) = 1.5T, (0 : 1 : 0) = 2T, (0 : 1 : 1) = 2.5T, (1 : 0 : 0) = 3T, (1 : 0 : 1) = 3.5T,
(1 : 1 : 0) = 4T, (1 : 1 : 1) = 8T, PS integration time setting
PS_SD
0
0 = PS power on, 1 = PS shut down, default = 1
TABLE 7 - REGISTER: PS_CONF2 DESCRIPTION
REGISTER: PS_CONF2
COMMAND CODE: 0x03_H (0x03 DATA BYTE HIGH)
Command
Bit
Description
Reserved
7 : 6
(0 : 0), reserved
Reserved
5 : 4
(0 : 0), reserved
PS_HD
3
0 = PS output is 12 bits; 1 = PS output is 16 bits
Reserved
2
Default = 0
PS_INT
1 : 0
(0 : 0) = interrupt disable, (0 : 1) = trigger when close, (1 : 0)= trigger when away,
(1 : 1)= trigger when close or away
TABLE 8 - REGISTER: PS_CONF3 DESCRIPTION
REGISTER: PS_CONF3
COMMAND CODE: 0x04_L (0x04 DATA BYTE LOW)
Command
Bit
Description
Reserved
7
0
PS_MPS
6 : 5
Proximity multi pulse numbers
(0 : 0) = 1, (0 : 1) = 2, (1 : 0) = 4, (1 : 1) = 8 multi pulses
PS_SMART_PERS
4
0 = disable; 1 = enable PS smart persistence
PS_AF
3
0 = active force mode disable (normal mode), 1 = active force mode enable
PS_TRIG
2
0 = no PS active force mode trigger, 1 = trigger one time cycle
VCNL4040 output one cycle data every time host writes in ‘1’ to sensor.
The state returns to ‘0’ automatically.
Reserved
1
0
PS_SC_EN
0
PS sunlight cancel enable setting, 1 = sunlight cancellation function enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com