Electronic Components Datasheet Search
  English  ▼

X  

VCNL4040 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VCNL4040 Datasheet HTML 5Page - Vishay Siliconix VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix VCNL4040 Datasheet HTML 10Page - Vishay Siliconix VCNL4040 Datasheet HTML 11Page - Vishay Siliconix VCNL4040 Datasheet HTML 12Page - Vishay Siliconix VCNL4040 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 04-Nov-2020
9
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• All of reserved register are used for internal test. Please keep as default setting.
Command Register Format
VCNL4040 provides an 8-bit command register for ALS and PS controlling independently. The description of each command
format is shown in following tables.
TABLE 1 - COMMAND CODE AND REGISTER DESCRIPTION
COMMAND
CODE
DATE BYTE
LOW / HIGH
REGISTER
NAME
R / W
DEFAULT
VALUE
FUNCTION DESCRIPTION
0x00
L
ALS_CONF
R / W
0x01
ALS integration time, persistence, interrupt, and function enable / disable
H
Reserved
R / W
0x00
Reserved
0x01
L
ALS_THDH_L R / W
0x00
ALS high interrupt threshold LSB byte
H
ALS_THDH_M R / W
0x00
ALS high interrupt threshold MSB byte
0x02
L
ALS_THDL_L
R / W
0x00
ALS low interrupt threshold LSB byte
H
ALS_THDL_M R / W
0x00
ALS low interrupt threshold MSB byte
0x03
L
PS_CONF1
R / W
0x01
PS duty ratio, integration time, persistence, and PS enable / disable
H
PS_CONF2
R / W
0x00
PS output resolution selection, PS interrupt trigger method
0x04
L
PS_CONF3
R / W
0x00
PS multi pulse, active force mode, sunlight immunity setting
H
PS_MS
R / W
0x00
White channel enable / disable, PS mode selection, PS protection setting,
and LED current selection
0x05
L
PS_CANC_L
R / W
0x00
PS cancellation level setting
H
PS_CANC_M
R / W
0x00
PS cancellation level setting
0x06
L
PS_THDL_L
R / W
0x00
PS low interrupt threshold setting LSB byte
H
PS_THDL_M
R / W
0x00
PS low interrupt threshold setting MSB byte
0x07
L
PS_THDH_L
R / W
0x00
PS high interrupt threshold setting LSB byte
H
PS_THDH_M
R / W
0x00
PS high interrupt threshold setting MSB byte
0x08
L
PS_Data_L
R
0x00
PS LSB output data
H
PS_Data_M
R
0x00
PS MSB output data
0x09
L
ALS_Data_L
R
0x00
ALS LSB output data
H
ALS_Data_M
R
0x00
ALS MSB output data
0x0A
L
White_Data_L
R
0x00
White LSB output data
H
White_Data_M
R
0x00
White MSB output data
0x0B
L
Reserved
R
0x00
Reserved
H
INT_Flag
R
0x00
ALS, PS interrupt flags
0x0C
L
ID_L
R
0x86
Device ID LSB
H
ID_M
R
0x01
Device ID MSB
TABLE 2 - REGISTER: ALS_CONF DESCRIPTION
REGISTER NAME
COMMAND CODE: 0x00_L (0x00 DATA BYTE LOW)
Command
Bit
765
43210
REGISTER: ALS_CONF
COMMAND CODE: 0x00_L (0x00 DATA BYTE LOW)
Command
Bit
Description
ALS_IT
7 : 6
(0 : 0) = 80 ms; (0 : 1) = 160 ms; (1 : 0) = 320 ms; (1 : 1) = 640 ms
ALS integration time setting, longer integration time has higher sensitivity
Reserved
5 : 4
Default = (0 : 0)
ALS_PERS
3 : 2
(0 : 0) = 1, (0 : 1) = 2, (1 : 0) = 4, (1 : 1) = 8
ALS interrupt persistence setting
ALS_INT_EN
1
0 = ALS interrupt disable, 1 = ALS interrupt enable
ALS_SD
0
0 = ALS power on, 1 = ALS shut down, default = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com