Electronic Components Datasheet Search
  English  ▼

X  

WTD9575 Datasheet(PDF) 4 Page - Weitron Technology

Part # WTD9575
Description  Surface Mount P-Channel Enhancement Mode POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTD9575 Datasheet(HTML) 4 Page - Weitron Technology

  WTD9575 Datasheet HTML 1Page - Weitron Technology WTD9575 Datasheet HTML 2Page - Weitron Technology WTD9575 Datasheet HTML 3Page - Weitron Technology WTD9575 Datasheet HTML 4Page - Weitron Technology WTD9575 Datasheet HTML 5Page - Weitron Technology WTD9575 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WTD9575
-V
DS ,DRAIN-TO-SOURCE VOLTAGE(V)
V
DS ,Drain-to-source Voltage(V)
FIG.1 Typical Output Characteristics
-V
GS ,Gate-to-source Voltage(V)
1400
1000
1200
600
800
400
200
1
4
7
10
Fig.3 On-Resistance v.s. Gate Voltage
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
-50
0
50
100
150
Fig.4 Normalized OnResistance
Fig.2 Typical Output Characteristics
I
D = -9A
T
C = 25˚C
-V
DS ,Source-to-Drain Voltage(V)
12.5
15.0
7.5
10.0
5.0
2.5
0.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Fig.5 Forward Characteristics of
Reverse Diode
T
j ,Junction Temperature(˚C)
T
j ,Junction Temperature(˚C)
2.0
1.5
1.0
0.5
2.5
-50
0
50
100
150
Fig.6 Gate Threshold Voltage v.s.
Junction Temperature
I
D = -12A
V
G = -10V
Tj = 25˚C
Tj = 150˚C
-10V
-6.0V
-5.0V
-4.5V
15
20
30
35
40
45
50
55
25
10
5
0
0
2
4
6
8
10
TC=25°C
4/6
01-Aug-05
V
G=-3.0V
-10V
-6.0V
-5.0V
-4.5V
15
20
30
35
40
25
10
5
0
0
2
4
6
8
10
12
TC=150˚C
V
G=-3.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com