Electronic Components Datasheet Search
  English  ▼

X  

WTD9575 Datasheet(PDF) 3 Page - Weitron Technology

Part # WTD9575
Description  Surface Mount P-Channel Enhancement Mode POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTD9575 Datasheet(HTML) 3 Page - Weitron Technology

  WTD9575 Datasheet HTML 1Page - Weitron Technology WTD9575 Datasheet HTML 2Page - Weitron Technology WTD9575 Datasheet HTML 3Page - Weitron Technology WTD9575 Datasheet HTML 4Page - Weitron Technology WTD9575 Datasheet HTML 5Page - Weitron Technology WTD9575 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching
Turn-on Delay Time2
VDS=-30V,VGS=-10V,ID=-9A,RD=3.3Ω,RG=3.3Ω
VDS=-30V,VGS=-10V,ID=-9A,RD=3.3Ω,RG=3.3Ω
VDS=-30V,VGS=-10V,ID=-9A,RD=3.3Ω,RG=3.3Ω
VDS=-30V,VGS=-10V,ID=-9A,RD=3.3Ω,RG=3.3Ω
VDS=-48V,VGS=-4.5V,ID=-9A
VDS=-48V,VGS=-4.5V,ID=-9A
VDS=-48V,VGS=-4.5V,ID=-9A
td(on)
td(off)
-
10
-
Rise Time
tr
tf
-
19
-
Turn-off Delay Time
-
46
-
Fall Time
-
53
-
ns
Total Gate Charge2
Qg
Qgs
Qgd
-
17
27
Gate-Source Charge
-
5
-
Gate-Source Change
-
6
-
nC
Source-Drain Diode Characteristics
Forward On Voltage2
VGS=0V,IS=-9A
VSD
-
-
-1.2
V
Note: 1. Pulse width limited by safe operating area.
2. Pulse width ≤ 300μs, duty cycle ≤ 2%.
Reverse Recovery Time
Trr
-
56
-
ns
Reverse Recovery Charge
Qrr
-
159
-
nC
3/6
01-Aug-05
WEITRON
http:www.weitron.com.tw
WTD9575
VGS=0V,IS=-9A,dl/dt=100A/µs
VGS=0V,IS=-9A,dl/dt=100A/µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com