Electronic Components Datasheet Search
  English  ▼

X  

WTD9575 Datasheet(PDF) 5 Page - Weitron Technology

Part # WTD9575
Description  Surface Mount P-Channel Enhancement Mode POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTD9575 Datasheet(HTML) 5 Page - Weitron Technology

  WTD9575 Datasheet HTML 1Page - Weitron Technology WTD9575 Datasheet HTML 2Page - Weitron Technology WTD9575 Datasheet HTML 3Page - Weitron Technology WTD9575 Datasheet HTML 4Page - Weitron Technology WTD9575 Datasheet HTML 5Page - Weitron Technology WTD9575 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WTD9575
Q
G , Total Gate Charge(nC)
12
10
8
6
2
4
0
0
10
20
30
40
Fig 7. Gate Charge Characteristics
V
DS = -48V
I
D = -9A
-V
DS , Drain-to-Source Voltage(V)
100
10
1
0.1
0.1
1
10
100
1000
Fig 9. Maximum Safe Operation Area
Fig 11. Switching Time Circuit
Fig.12 Gate Charge Waveform
T
C = 25˚C
Single Pulse
V
DS
90%
10%
V
GS
tr
td(on)
td(off) tf
1ms
100us
10ms
100ms
DC
t, Pulse Width(s)
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
Fig 10. Effective Transient Thermal Impedance
Duty factor = 0.5
-V
DS, Drain-to-Source Voltage(V)
10000
1000
100
10
1
5
9
13
17
21
25
29
Fig 8. Typical Capacitance Characteristics
f = 1.0MHz
0.2
0.1
P
DM
Duty factor = t / T
Peak Tj=P
DM x Rθ jc + Tc
t
T
Crss
Coss
Ciss
VG
-4.5V
Q
G
Q
GS
Q
GD
Charge
Q
5/6
01-Aug-05
Single pulse
0.01
0.02
0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com