Electronic Components Datasheet Search
  English  ▼

X  

WTD9575 Datasheet(PDF) 1 Page - Weitron Technology

Part # WTD9575
Description  Surface Mount P-Channel Enhancement Mode POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTD9575 Datasheet(HTML) 1 Page - Weitron Technology

  WTD9575 Datasheet HTML 1Page - Weitron Technology WTD9575 Datasheet HTML 2Page - Weitron Technology WTD9575 Datasheet HTML 3Page - Weitron Technology WTD9575 Datasheet HTML 4Page - Weitron Technology WTD9575 Datasheet HTML 5Page - Weitron Technology WTD9575 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WEITRON
http:www.weitron.com.tw
DRAIN CURRENT
-15 AMPERES
DRAIN SOURCE VOLTAGE
-60 VOLTAGE
Features:
*Super High Dense Cell Design For Low RDS(ON)
RDS(ON)<90m Ω@VGS=-10V
*Simple Drive Requirement
*Lower On-resistance
*Fast Switching Characteristic
*TO-252 Package
Maximum Ratings(T
A=25 C Unless Otherwise Specified)
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±25
Continuous Drain Current, (VGS@10V, TC=25˚C)
, (VGS@10V, TC=100˚C)
-15
ID
-9.5
Pulsed Drain Current1
IDM
-45
A
Total Power Dissipation(TC=25˚C)
PD
36
W
Maximum Thermal Resistace Junction-ambient
RθJA
110
˚C/W
Maximum Thermal Resistace Junction-case
RθJC
3.5
˚C/W
Operating Junction and Storage Temperature Range
TJ,Tstg
-55~+150
˚C
Device Marking
WTD9575=9575
WTD9575
Surface Mount P-Channel Enhancement
Mode POWER MOSFET
2
3
1 GATE
SOURCE
DRAIN
1/6
01-Aug-05
D-PAK / (TO-252)
1
1. GATE
2.4 DRAIN
3. SOURCE
2
3
4
Lead(Pb)-Free
P b


Similar Part No. - WTD9575

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTD9435 WEITRON-WTD9435 Datasheet
401Kb / 6P
Surface Mount P-Channel Enhancement Mode POWER MOSFET
WTD9973 WEITRON-WTD9973 Datasheet
509Kb / 6P
Surface Mount N-Channel Enhancement Mode POWER MOSFET
More results

Similar Description - WTD9575

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2301 WEITRON-WT2301 Datasheet
157Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT3401 WEITRON-WT3401 Datasheet
170Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT4433AM WEITRON-WT4433AM Datasheet
387Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT9435M WEITRON-WT9435M Datasheet
427Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTU1333 WEITRON-WTU1333 Datasheet
3Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTK9435 WEITRON-WTK9435 Datasheet
1Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTC1333 WEITRON-WTC1333 Datasheet
2Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTD40N03 WEITRON-WTD40N03 Datasheet
1Mb / 6P
Surface Mount P-Channel Enhancement Mode POWER MOSFET
WTN9575 WEITRON-WTN9575 Datasheet
1Mb / 6P
Surface Mount P-Channel Enhancement Mode Power MOSFET
WTD9435 WEITRON-WTD9435 Datasheet
401Kb / 6P
Surface Mount P-Channel Enhancement Mode POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com