Electronic Components Datasheet Search
  English  ▼

X  

WTD9575 Datasheet(PDF) 2 Page - Weitron Technology

Part # WTD9575
Description  Surface Mount P-Channel Enhancement Mode POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTD9575 Datasheet(HTML) 2 Page - Weitron Technology

  WTD9575 Datasheet HTML 1Page - Weitron Technology WTD9575 Datasheet HTML 2Page - Weitron Technology WTD9575 Datasheet HTML 3Page - Weitron Technology WTD9575 Datasheet HTML 4Page - Weitron Technology WTD9575 Datasheet HTML 5Page - Weitron Technology WTD9575 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WEITRON
http:www.weitron.com.tw
Electrical Characteristics(T
A = 25℃ Unless otherwise noted)
Characteristic
Symbol Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS=0,ID=-250μA
BVDSS
-60
-
-
Gate-Source Threshold Voltage
VDS=VGS,ID=-250μA
VGS(Th)
-1.0
-
-3.0
V
Gate-Source Leakage current
VGS=±25V
IGSS
IDSS
-
-
±100
nA
-
-
-1
Drain-SourceLeakage Current(Tj=25˚C)
VDS=-60V,VGS=0
VDS=-48V,VGS=0
Drain-SourceLeakage Current(Tj=70˚C)
-
-
-25
μA
Drain-SourceOn-Resistance
VGS=-10V,ID=-12A
VGS=-4.5V,ID=-9A
RDS(on)
-
-
-
-
90
120
mΩ
Forward Transconductance
VDS=-10V,ID=-9A
gfs
-
14
-
S
Dynamic
Input Capacitance
VGS=0V,VDS=-25V,f=1.0MHz
VGS=0V,VDS=-25V,f=1.0MHz
VGS=0V,VDS=-25V,f=1.0MHz
Ciss
-
1660
2660
Output Capacitance
Coss
-
160
-
Reverse Transfer Capacitance
Crss
-
100
-
pF
2/6
01-Aug-05
WTD9575



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com