Electronic Components Datasheet Search
  English  ▼

X  

SN65CML100D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100D
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65CML100D Datasheet(HTML) 4 Page - Texas Instruments

  SN65CML100D Datasheet HTML 1Page - Texas Instruments SN65CML100D Datasheet HTML 2Page - Texas Instruments SN65CML100D Datasheet HTML 3Page - Texas Instruments SN65CML100D Datasheet HTML 4Page - Texas Instruments SN65CML100D Datasheet HTML 5Page - Texas Instruments SN65CML100D Datasheet HTML 6Page - Texas Instruments SN65CML100D Datasheet HTML 7Page - Texas Instruments SN65CML100D Datasheet HTML 8Page - Texas Instruments SN65CML100D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN65CML100
SLLS547 – NOVEMBER 2002
www.ti.com
4
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
250
800
ps
tPHL
Propagation delay time, high-to-low-level output
RT = 50 Ω or RT = 25 Ω,
250
800
ps
tr
Differential output signal rise time (20% – 80%)
RT = 50 Ω or RT = 25 Ω,
See Figure 4
300
ps
tf
Differential output signal fall time (20% – 80%)
g
300
ps
tsk(p)
Pulse skew (|tPHL – tPLH|)(2)
0
50
ps
tsk(pp)
Part-to-part skew(3)
VID = 0.2 V
100
ps
tjit(per)
Period jitter, rms (1 standard deviation)(4)
750 MHz clock input(5)
1
5
ps
tjit(cc)
Cycle-to-cycle jitter (peak)(4)
750 MHz clock input(6)
8
27
ps
tjit(pp)
Peak-to-peak jitter(4)
1.5 Gbps 223–1 PRBS input(7)
30
70
ps
tjit(det)
Deterministic jitter, peak-to-peak(4)
1.5 Gbps 27–1 PRBS input(8)
25
65
ps
(1) All typical values are at 25
°C and with a 3.3-V supply.
(2) tsk(p) is the magnitude of the time difference between the tPLH and tPHL.
(3) tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(4) Jitter parameters are ensured by design and characterization. Measurements are made with a Tektronix TDS6604 oscilloscope running
Tektronix TDSJIT3 software. Agilent E4862B stimulus system jitter 2 ps tjit(per), 16 ps tjit(cc), 25 ps tjit(pp), and 10 ps tjit(det) has been
subtracted from the values.
(5) VID = 200 mV, 50% duty cycle, VIC = 1.2 V, tr = tf ≤ 25 ns (20% to 80%), measured over 1000 samples.
(6) VID = 200 mV, 50% duty cycle, VIC = 1.2 V, tr = tf ≤ 25 ns (20% to 80%).
(7) VID = 200 mV, VIC = 1.2 V, tr = tf ≤ 0.25 ns (20% to 80%), measured over 100k samples.
(8) VID = 200 mV, VIC = 1.2 V, tr = tf ≤ 0.25 ns (20% to 80%). Deterministic jitter is sum of pattern dependent jitter and pulse width distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com