Electronic Components Datasheet Search
  English  ▼

X  

SN65CML100D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100D
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65CML100D Datasheet(HTML) 2 Page - Texas Instruments

  SN65CML100D Datasheet HTML 1Page - Texas Instruments SN65CML100D Datasheet HTML 2Page - Texas Instruments SN65CML100D Datasheet HTML 3Page - Texas Instruments SN65CML100D Datasheet HTML 4Page - Texas Instruments SN65CML100D Datasheet HTML 5Page - Texas Instruments SN65CML100D Datasheet HTML 6Page - Texas Instruments SN65CML100D Datasheet HTML 7Page - Texas Instruments SN65CML100D Datasheet HTML 8Page - Texas Instruments SN65CML100D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN65CML100
SLLS547 – NOVEMBER 2002
www.ti.com
2
Thesedevices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PART MARKING
PACKAGE
STATUS
SN65CML100D
CML100
SOIC
Production
SN65CML100DGK
NWB
MSOP
Production
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage range,(2) VCC
–0.5 V to 4 V
Sink/source, IBB
±0.5 mA
Voltage range, (A, B, Y, Z)
0 V to 4.3 V
Human Body Model(3)
A, B, Y, Z, and GND
±5 kV
Electrostatic discharge
Human Body Model(3)
All pins
±2 kV
Electrostatic discharge
Charged-DeviceModel(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114-A.7.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
3.3-V nominal supply at terminator
3
3.3
3.6
V
Terminator supply voltage, VTT
2.5-V nominal supply at terminator
2.375
2.5
2.625
V
Terminator su
ly voltage, VTT
1.8-V nominal supply at terminator
1.7
1.9
V
Magnitude of differential input voltage |VID|
0.1
1
V
Input voltage (any combination of common-mode or input signals)
0
4
V
Output current, VBB
400
µA
Operating free-air temperature, TA
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com