Electronic Components Datasheet Search
  English  ▼

X  

SN65CML100D Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100D
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65CML100D Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65CML100D Datasheet HTML 7Page - Texas Instruments SN65CML100D Datasheet HTML 8Page - Texas Instruments SN65CML100D Datasheet HTML 9Page - Texas Instruments SN65CML100D Datasheet HTML 10Page - Texas Instruments SN65CML100D Datasheet HTML 11Page - Texas Instruments SN65CML100D Datasheet HTML 12Page - Texas Instruments SN65CML100D Datasheet HTML 13Page - Texas Instruments SN65CML100D Datasheet HTML 14Page - Texas Instruments SN65CML100D Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SN65CML100
SLLS547 – NOVEMBER 2002
www.ti.com
12
APPLICATION INFORMATION
For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage.
When VBB is used, decouple VBB via a 0.01-µF capacitor and limit the current sourcing or sinking to 0.4 mA. When
not used, VBB should be left open.
TYPICAL APPLICATION CIRCUITS (ECL, PECL, LVDS, ETC.)
3.3 V or 5 V
SN65CML100
3.3 V
50
Ω
50
Ω
A
B
50
Ω
50
Ω
VTT
VTT = VCC –2 V
ECL
Figure 24. Low-Voltage Positive Emitter-Coupled Logic (LVPECL)
3.3 V
SN65CML100
3.3 V
50
Ω
50
Ω
A
B
CML
VTT
Figure 25. Current–Mode Logic (CML)
3.3 V
SN65CML100
3.3 V
50
Ω
A
B
50
Ω
ECL
VBB
VTT
VTT = VCC –2 V
Figure 26. Single-Ended (LVPECL)
3.3 V or 5 V
SN65CML100
3.3 V
50
Ω
50
Ω
A
B
100
Ω
LVDS
Figure 27. Low-Voltage Differential Signaling (LVDS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com