Electronic Components Datasheet Search
  English  ▼

X  

SN65CML100D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100D
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65CML100D Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65CML100D Datasheet HTML 5Page - Texas Instruments SN65CML100D Datasheet HTML 6Page - Texas Instruments SN65CML100D Datasheet HTML 7Page - Texas Instruments SN65CML100D Datasheet HTML 8Page - Texas Instruments SN65CML100D Datasheet HTML 9Page - Texas Instruments SN65CML100D Datasheet HTML 10Page - Texas Instruments SN65CML100D Datasheet HTML 11Page - Texas Instruments SN65CML100D Datasheet HTML 12Page - Texas Instruments SN65CML100D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SN65CML100
SLLS547 – NOVEMBER 2002
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 14
0
0.5
1
1.5
2
2.5
3
3.5
4
PEAK-TO-PEAK JITTER
vs
COMMON MODE INPUT VOLTAGE
VIC – Common Mode Input Voltage – V
VID = 0.3 V
VID = 0.5 V
0
5
10
15
20
25
30
VID = 0.8 V
VCC = 3.3 V,
TA = 25°C,
RT = 50 Ω,
VTT = 2.5 V
Input = Clock
Figure 15
0
0.5
1
1.5
2
2.5
3
3.5
4
VID = 0.5 V
0
10
20
30
40
50
60
VID = 0.3 V
VCC = 3.3 V,
TA = 25°C,
RT = 50 Ω,
VTT = 2.5 V
Input = 223–1 PRBS
PEAK-TO-PEAK JITTER
vs
COMMON MODE INPUT VOLTAGE
VIC – Common Mode Input Voltage – V
VID = 0.8 V
Figure 16
200
400
600
800
1000 1200 1400 1600
PEAK-TO-PEAK JITTER
vs
DATA RATE
Data Rate – Mbps
VCC = 3.3 V, TA = 25°C,
VIC = 1.2 V, |VID| = 200 mV,
Input = 223–1 PRBS, RT = 50 Ω
5
10
15
20
25
30
VTT = 1.7 V
VTT = 2.5 V
VTT = 3.3 V
Figure 17
200
400
600
800
1000 1200 1400 1600
PEAK-TO-PEAK JITTER
vs
DATA RATE
Data Rate – Mbps
VCC = 3.3 V, TA = 25°C,
VIC = 1.2 V,
VID = 200 mV,
Input = 223–1 PRBS,
RT = 25 Ω
VTT = 1.7 V
VTT = 2.5 V
VTT = 3.3 V
5
10
15
20
25
Figure 18
1.5 Gbps
223–1 PRBS
750 MHz
VCC = 3.3 V, TA = 25°C, VID = 200 mV, VIC = 1.2 V, VTT = 3.3 V, RT = 25 Ω
Horizontal Scale = 200 ps/div
Vertical Scale = 250 mV/div
Figure 19
1.5 Gbps
223–1 PRBS
750 MHz
VCC = 3.3 V, TA = 25°C, VID = 200 mV, VIC = 1.2 V, VTT = 2.5 V, RT = 50 Ω
Horizontal Scale = 200 ps/div
Vertical Scale = 500 mV/div
Figure 20
1.5 Gbps
223–1 PRBS
750 MHz
VCC = 3.3 V, TA = 25°C, VID = 200 mV, VIC = 1.2 V, VTT = 2.5 V, RT = 25 Ω
Horizontal Scale = 200 ps/div
Vertical Scale = 250 mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com