Electronic Components Datasheet Search
  English  ▼

X  

SN65CML100D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100D
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65CML100D Datasheet(HTML) 1 Page - Texas Instruments

  SN65CML100D Datasheet HTML 1Page - Texas Instruments SN65CML100D Datasheet HTML 2Page - Texas Instruments SN65CML100D Datasheet HTML 3Page - Texas Instruments SN65CML100D Datasheet HTML 4Page - Texas Instruments SN65CML100D Datasheet HTML 5Page - Texas Instruments SN65CML100D Datasheet HTML 6Page - Texas Instruments SN65CML100D Datasheet HTML 7Page - Texas Instruments SN65CML100D Datasheet HTML 8Page - Texas Instruments SN65CML100D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN65CML100
SLLS547 – NOVEMBER 2002
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
FEATURES
D Provides Level Translation From LVDS or
LVPECL to CML, Repeating From CML to
CML
D Signaling Rates1 up to 1.5 Gbps
D CML Compatible Output Directly Drives
Devices With 3.3-V, 2.5-V, or 1.8-V Supplies
D Total Jitter < 70 ps
D Low 100 ps (Max) Part-To-Part Skew
D Wide Common-Mode Receiver Capability
Allows Direct Coupling of Input Signals
D 25 mV of Receiver Input Threshold Hysteresis
Over 0-V to 4-V Common-Mode Range
D Propagation Delay Times, 800 ps Maximum
D 3.3-V Supply Operation
D Available in SOIC and MSOP Packages
APPLICATIONS
D Level Translation
D 622-MHz Central Office Clock Distribution
D High-Speed Network Routing
D Wireless Basestations
D Low Jitter Clock Repeater
DESCRIPTION
This high-speed translator/repeater is designed for
signaling rates up to 1.5 Gbps to support various
high-speed network routing applications. The driver output
is compatible with current-mode logic (CML) levels, and
directly drives 50-
Ω or 25-Ω loads connected to 1.8-V,
2.5-V, or 3.3-V nominal supplies. The capability for direct
connection to the loads may eliminate the need for
coupling capacitors. The receiver input is compatible with
LVDS (TIA/EIA–644), LVPECL, and CML signaling levels.
The receiver tolerates a wide common-mode voltage
range, and may also be directly coupled to the signal
source. The internal data path from input to output is fully
differential for low noise generation and low pulse-width
distortion.
The VBB pin is an internally generated voltage supply to
allow operation with a single-ended LVPECL input. For
single-ended LVPECL input operation, the unused
differential input is connected to VBB as a switching
reference voltage. When used, decouple VBB with a
0.01-
µF capacitor and limit the current sourcing or sinking
to 400
µA. When not used, VBB should be left open.
This device is characterized for operation from –40
°C to
85
°C.
FUNCTIONAL DIAGRAM
8
2
3
4
7
6
VCC
A
B
VBB
Y
Z
EYE PATTERN
1.5 Gbps
223–1 PRBS
750 MHz
VCC = 3.3 V, TA = 25°C, VID = 200 mV, VIC = 1.2 V, VTT = 3.3 V, RT = 50 Ω
Vertical Scale = 500 mV/div
Horizontal Scale = 200 ps/div
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
1The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - SN65CML100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100D TI1-SN65CML100D Datasheet
1Mb / 19P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100D TI2-SN65CML100D Datasheet
902Kb / 23P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
NOVEMBER 2002
SN65CML100D TI2-SN65CML100D Datasheet
902Kb / 23P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
NOVEMBER 2002
SN65CML100D.B TI2-SN65CML100D.B Datasheet
902Kb / 23P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
NOVEMBER 2002
SN65CML100D.B TI2-SN65CML100D.B Datasheet
902Kb / 23P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
NOVEMBER 2002
More results

Similar Description - SN65CML100D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
1:2 CML / LVPECL Input to CML Output Fanout Buffer
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Texas Instruments
SN65CML100 TI1-SN65CML100_13 Datasheet
1Mb / 19P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com