Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 39 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 39 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 43Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
R
EM6580
Copyright © 2006, EM Microelectronic-Marin SA
39
www.emmicroelectronic.com
12.1 Interrupt control registers
Table 12.1.1 Register RegIRQ1
Bit
Name
Reset
R/W
Description
3
IRQCount0
0
R/W*
Counter interrupt request when at 0
2
IRQCntComp
0
R/W*
Counter interrupt request when compare True
1
IRQPA[3/4]
0
R/W*
Port A PA[3/4] interrupt request
0
IRQPA[0/5]
0
R/W*
Port A PA[0/5] interrupt request
W*; Writing of 1 clears the corresponding bit.
Table 12.1.2 Register RegIRQ2
Bit
Name
Reset
R/W
Description
3
IRQHz1
0
R/W*
Prescaler interrupt request of 1Hz
2
IRQHz64/8
0
R/W*
Prescaler interrupt request of 64 Hz or 8 Hz
1
IRQSvld
0
R/W*
SVLD or Compare interrupt request
0
IRQSerial
0
R/W*
Serial interface interrupt request
W*; Writing of 1 clears the corresponding bit.
Table 12.1.3 Register RegIRQMask1
Bit
Name
Reset
R/W
Description
3
MaskIRQCount0
0
R/W
Counter when at 0 interrupt mask
2
MaskIRQCntComp
0
R/W
Counter compare True interrupt mask
1
MaskIRQPA[3/4]
0
R/W
Port A PA[3/4] interrupt mask
0
MaskIRQPA[0/5]
0
R/W
Port A PA[0/5] interrupt mask
Interrupt is not stored if the mask bit is 0.
Table 12.1.4 Register RegIRQMask2
Bit
Name
Reset
R/W
Description
3
MaskIRQHz1
0
R/W
Prescaler 1Hz interrupt mask
2
MaskIRQHz64/8
0
R/W
Prescaler 64 Hz or 8 Hz interrupt mask
1
MaskIRQSvld
0
R/W
SVLD or Compare interrupt mask
0
MaskIRQSerial
0
R/W
Serial interface interrupt mask
Interrupt is not stored if the mask bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com