Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 28 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 28 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 32Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
R
EM6580
Copyright © 2006, EM Microelectronic-Marin SA
28
www.emmicroelectronic.com
8.2 Frequency Select and Up/Down Counting
Eight (8) different input clocks can be selected to drive the Counter. The selection is done with bits
CountFSel2…0 in register RegCCntl1. Six (6) of this input clocks are coming from the prescaler. The
maximum prescaler clock frequency for the counter is half the system clock SysClk and the lowest is 1Hz typ.
Therefore a complete counter roll over can take as much as 17.07 minutes (1Hz clock, 10 bit length) or as little
as 977
μs (Ck[15] typ 16.3kHz, 4 bit length). The IRQCount0, generated at each roll over, can be used for time
bases, measurements length definitions, input polling, wake up from Halt mode, etc. The IRQCount0 and
IRQComp are generated with the system clock Ck[16] rising edge. IRQCount0 condition in up count mode is :
reaching 3FF if 10-bit counter length (or FF, 3F, F in 8, 6, 4-bit counter length). In down count mode the
condition is reaching ‘0’. The non-selected bits are ‘don’t care’. For IRQComp refer to section 8.4.
Note: The Prescaler and the Microprocessor clock’s are usually non-synchronous, therefore time bases
generated are max. n, min. n-1 clock cycles long (n being the selected counter start value in count down
mode). However the prescaler clock can be synchronized with µP commands using for instance the prescaler
reset function.
Figure 17. Counter Clock Timing
System Clock
Prescaler Clock
Counting
Counter IRQ’s
Prescaler Frequencies or Debounced Port A Clocks
System Clock
Non Debounced Port A Clocks (System Clock Independent)
Divided Clock
Counting
Counter IRQ’s
Port A Clock
The two remaining clock sources are coming from the PA[1] or PA[3/4] terminals. Refer to Figure 10 on page
15 for details. Input PA[1] can be only direct non-debounce input, second PA[3/4] can be either debounce
(Ck[11] or Ck[8]) or direct input, the input polarity can also be chosen. The outputs for Timer clock inputs are
named TimCk0 and TimCk7 respectively. For the debouncer and input polarity selection refer to chapter 6.
In the case of port A input clock without debouncer, the counting clock frequency will be half the input clock on
port A. The counter advances on every odd numbered port A negative edge ( divided clock is high level ).
IRQCount0 and IRQComp will be generated on the rising PA[3/4] or PA[1] input clock edge. In this condition
the EM6580 is able to count with a higher clock rate as the internal system clock (Hi-Frequency Input).
Maximum port A input frequency is limited to 500kHz (@Vdd ≥ 1.5 V). If higher frequencies are needed, please
contact EM Microelectronic’s.
In both, up or down count (default) mode, the counter is cyclic. The counting direction is chosen in register
RegCCntl1 bit Up/Down (default ‘0’ is down count). The counter increases or decreases its value with each
positive clock edge of the selected input clock source. Start up synchronization is necessary because one can
not always know the clock status when enabling the counter. With EvCount=0, the counter will only start on the
next positive clock edge after a previously latched negative edge, while the Start bit was already set to ‘1’. This
synchronization is done differently if event count mode (bit EvCount) is chosen. Refer also to
103H
Figure 18.
Internal Clock Synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com