Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 25Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
R
EM6580
Copyright © 2006, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
Output multiplexing registers are shown below.
Table 6.4.7 Register RegPACntl3
Bit
Name
POR
R/W
Description
3
SerialStPA[3]
0
R/W
Output selection for PA[3] when output
2
SerialCkPA[1]
0
R/W
Output selection for PA[1] when output
1
PWMoutPA[1]
0
R/W
Output selection for PA[1] when output
0
PWMoutPA[0]
0
R/W
Output selection for PA[0] when output
Table 6.4.8 Register RegPACntl4
Bit
Name
POR
R/W
Description
3
NoPdPA[5]
0
R/W
No pull-down on PA[5]
2
freqOutPA[5]
0
R/W
Output selection for PA[5] when output
1
Sout/rstPA[2]
1
R/W
Output selection for PA[2] when output
0
freqOutPA[2]
1
R/W
Output selection for PA[2] when output
Table 6.4.9 PA[0] I/O status depending on its RegPACntl3 and RegPa0OE registers
OEnPA[0]
PWMoutPA[0]
Description of PA[0] terminal
0
X
Input
1
0
PAout[0] general Output
1
1
PWM Output from the 10-Bit Counter
Table 6.4.10 PA[1] I/O status depending on its RegPACntl3 and RegPa0OE registers
OEnPA[1]
SerialCkPA[1]
PWMoutPA[1]
Description of PA[1] terminal
0
X
X
Input
1
0
0
PAout[1] general Output
1
0
1
PWM Output from the 10-Bit Counter
1
1
X
Sclk (Serial interface clock output)
Table 6.4.11 PA[2] I/O status depending on its RegPACntl4 and RegPa0OE registers
OEnPA[2]
Sout/rstPA[2]
freqOutPA[2]
Description of PA[2] terminal
0
X
X
Input
1
0
0
PAout[2] general Output
1
0
1
Freq. Output (CPUClk,SysClk, 2kHz, 1Hz)
1
1
0
Sout (Serial interface data output)
1
1
1
High level ‘1’ during Reset state output
8kHz frequency output while out of reset state
Low level ‘0’ output during sleep
0
PA[0] = ‘1’
PA[4] = ‘1’
PA[1] = ‘0’
1
1
Output: high level during Reset state
Input: out of reset state and during sleep
Frequency output is selected in 6.4.6 Register RegFreqRst
Table 6.4.12 PA[3] I/O status depending on its RegPACntl3 and RegPa0OE registers
OEnPA[3]
SerialStPA[3]
Description of PA[3] terminal
0
X
Input
1
0
PAout[3] general Output
1
1
Rdy/CS (Serial interface status output)
Table 6.4.13 PA[5] I/O status depending on its RegPACntl4 and RegPA1 registers
OEnPA[5]
freqOutPA[5]
Description of PA[5] terminal
0
X
Input
1
0
PAout[5] general Output
1
1
Freq. Output (CPUClk,SysClk, 2kHz, 1Hz)
Frequency output is selected in 6.4.6 Register RegFreqRst
Note: CPUClk = RCClk if no external clock used.
In case of external clock, CPUClk is equal to the PA[1] input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com