Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
R
EM6580
Copyright © 2006, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
5.2 Special 4 stage Frequency Divider
If an internal RC clock or external frequency higher than 32 kHz or 50 kHz is selected, then the special 4 stage
Frequency Divider must be used to select a frequency close to 32 kHz or 50 kHz for the SysClk - system clock
used by the Prescaler. This is done by register option.(Refer to RegMFP1 table chapter
95H
14.8)
If the external clock will be used, the same register option used to select the division for SysClk. Table below
shows recommended divisions in this 4 stage divider.
Table 5.2.1 PA[1] I/O status depending on its RegPACntl3 and RegPa0OE registers
RC frequency
Ext. clock
(1)base
(2) base
RC frequency or External freq.
MUST be divided by
Typical Obtained SysClk
Min.- typ. If RC - Max. [kHz]
10 kHz – 50 kHz
32
50
No Division to SysClk
10 – 32 – 50
55 kHz – 100 kHz
64
100
Divided by 2
27.5 – 32 – 50
110 kHz – 200 kHz
128
200
Divided by 4
27.5 – 32 – 50
220 kHz – 400 kHz
256
400
Divided by 8
27.5 – 32 – 50
400 kHz – 1 MHz
500
800
Divided by 16
10 – 32 – 62.5
5.3 Prescaler
The prescaler consists of a fifteen element divider chain which delivers clock signals for the peripheral circuits
such as timer/counter, debouncer and edge detectors, as well as generating prescaler interrupts. The input to
the prescaler is the system clock signal closest to 32 kHz or 50 kHz which comes from the RC oscillator or
external clock as divided by the preceding divider. Power on initializes the prescaler to Hex(0001).
Table 5.3.1 Prescaler Clock Name Definition
Function
Name
32 KHz
SysClk
50 KHz
SysClk
Function
Name
32 KHz
SysClk
50 KHz
SysClk
System clock
Ck[16]
32768 Hz
50000 Hz
System clock / 256
Ck[8]
128 Hz
195 Hz
System clock / 2
Ck[15]
16384 Hz
25000 Hz
System clock / 512
Ck[7]
64 Hz
97 Hz
System clock / 4
Ck[14]
8192 Hz
12500 Hz
System clock / 1024
Ck[6]
32 Hz
49 Hz
System clock / 8
Ck[13]
4096 Hz
6250 Hz
System clock / 2048
Ck[5]
16 Hz
24 Hz
System clock/ 16
Ck[12]
2048 Hz
3125 Hz
System clock / 4096
Ck[4]
8 Hz
12 Hz
System clock / 32
Ck[11]
1024 Hz
1562 Hz
System clock / 8192
Ck[3]
4 Hz
6 Hz
System clock / 64
Ck[10]
512 Hz
781 Hz
System clock / 16384
Ck[2]
2 Hz
3 Hz
System clock / 128
ck [9]
256 Hz
390 Hz
System clock / 32768
Ck[1]
1 Hz
1.5 Hz
Figure 7. Prescaler Frequency Timing
Prescaler Reset
SysClk = System clock Ck[16]
Ck[15]
Ck[14]
Ck[13]
Ck[2]
Ck[1]
Horizontal Scale change
First positive edge of 1 Hz clock Ck[1] is 1 sec after the falling reset edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com