Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 49 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 49 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 53Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
R
EM6580
Copyright © 2006, EM Microelectronic-Marin SA
49
www.emmicroelectronic.com
17. Temperature and Voltage Behaviour
17.1 IDD current (Typical)
Idd RUN vs. frequency
0
20
40
60
80
0
200
400
600
800
Frequency [kHz]
5.5V
3.0V
2.0V
Idd HALT vs. frequency, 512kHz base
0.000
2.000
4.000
6.000
8.000
0
100
200
300
400
500
600
Frequency [kHz]
5.5V
3.0V
2.0V
Idd HALT vs. frequency, 800kHz base
0.000
2.000
4.000
6.000
8.000
0
200
400
600
800
Frequency [kHz]
5.5V
3.0V
2.0V
Idd RUN vs. temperature
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Temperature[°C]
f=800kHz
f=512kHz
f=400kHz
f=32kHz
Idd HALT vs. temperature
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
-40
-20
0
20
40
60
80
100
Temperature[°C]
f=800kHz
f=512kHz
f=32kHz
f=256kHz
Idd SLEEP vs. temperature
0
100
200
300
400
500
-40
-20
0
20406080
100
Temperature[°C]
5.5V
3.3V
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com