Electronic Components Datasheet Search
  English  ▼

X  

EM6682 Datasheet(PDF) 49 Page - EM Microelectronic - MARIN SA

Part # EM6682
Description  Ultra Low Power 8-pin Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6682 Datasheet(HTML) 49 Page - EM Microelectronic - MARIN SA

Back Button EM6682 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 53Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
R
EM6682
Copyright
© 2005, EM Microelectronic-Marin SA
49
www.emmicroelectronic.com
15. Typical Behaviour
Following graphics show the typical temperature and voltage behaviour of selected parameters. All measures
were performed at EM on EM6681 qualification parts.
15.1 Temperature
IVDD active mode, Standby mode, Sleep mode
Pull-up and Pulldown resistance
RC oscillation frequency
RC Osc trimmed , V DD=1.5V
230
240
250
260
270
280
290
-20
0
20
40
60
80
[°C]
[KHz]
IDD Run M ode 256kHz trimmed V DD=1.5V
20.0
22.0
24.0
26.0
28.0
-20
0
20
40
60
80
[°C]
[uA ]
IDD Sleep M ode; V DD=1.5V
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-20
0
20
40
60
80
[°C]
[uA ]
IDD Halt M ode; 256kHz t rimmed; V DD=1.5V
5.0
6.0
7.0
8.0
9.0
-20
0
20
40
60
80
[°C]
[uA ]
Pull-down strong VDD=1.5V
60
70
80
90
100
110
120
-20
0
20
40
60
80
[°C]
[KOhm]
Pull-up strong VDD=1.5V
60
70
80
90
100
110
120
-20
0
20
40
60
80
[°C]
[kOhm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com