Electronic Components Datasheet Search
  English  ▼

X  

EM6682 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6682
Description  Ultra Low Power 8-pin Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6682 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6682 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
R
EM6682
Copyright
© 2005, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM6682 at a glance
Power Supply
- Low voltage low power architecture
including internal voltage regulator
- 1.4 V to 5.5 V in medium voltage version
- 0.9 V to 1.8 V in low voltage version
- 4.0 µA in active mode
- 3.5 µA in standby mode
- 0.35 µA in sleep mode
@ 1.5V, 32kHz, 25°C
RAM
- 80 x 4 bit, directly addressable
ROM
- 1536 x 16 bit (~3k Byte), metal mask programmable
CPU
- 4-bit RISC architecture
- 2 clock cycles per instruction (CPI=2)
- 72 basic instructions
Main Operating Modes and Resets
- Active mode (CPU is running)
- Standby mode (CPU in halt, peripherals running)
- Sleep mode (no clock, reset state, data kept)
- Initial Power-On-Reset with Power-Check
- power-check after any reset settable by metal option
- Watchdog reset (logic)
- Reset terminal (software option on PA[3/4])
- Sleep Counter reset from Sleep mode
- Wakeup on change from Sleep mode
Prescaler
- Divider (4 stages) to best fit CPU clock (32kHz – 1MHz
to 32kHz system clock to keep peripherals timing close
to specification
- 15 stage system clock divider from 32kHz down to 1Hz
- 2 Interrupt requests (3 different frequencies)
- Prescaler reset (4kHz to 1Hz)
8-Bit Serial Interface
- 3 wire (Clock, DataIn , DataOut) master/slave mode
- READY output during data transfer
- Maximum shift clock is equal to the main system clock
- Interrupt request to the CPU after 8 bit data transfer
- Supports different serial formats
- pins shared with general 4 bit PA[3:0] I/O port
Oscillator
- RC Oscillator range: 32/50kHz to 500/800kHz
(metal or register selectable from 32/50, 64/100,
128/200, 256/400 or 500/800 kHz typ. for CPU clock)
- No external components are necessary
- Temperature compensated
- External clock source possible from PA1
4(5)-Bit I/O PA[3:0] & PA[4] / PA[5]*
- Direct input read on the port terminals
- 2 Debounce function available muxed on 4 inputs
- 2 Interrupt request on positive or negative edge
- Pull-up or pull-down or none selectable by register,
except PA[4] where pullup/down is mask or register
selection
- 2 Test variables (software) for conditional jumps
- PA[1] and PA[3/4] are inputs for the event counter
- PA[3/4] Reset input (register selectable)
- All outputs can be put tri-state (default)
- Selectable pull-downs in input mode
- CMOS or Nch. open drain outputs
- Weak pull-up selectable in Nch. open drain
mode
4-bit ADC & Voltage Level Det. (SVLD)
- External voltage compare from PA[4] input possible (low
resolution 4 bit AD converter)
- Levels above Vdd min are available for SVLD
- Used for Power Check after POR (level 9 or level 5
selectable by metal option)
- Busy flag during measure
- Interrupt generated if SVLD measurement low
10-Bit Universal Counter
- 10, 8, 6 or 4 bit up/down counting
- Parallel load
- Event counting (PA[1] or PA[3/4])
- 8 different input clocks
- Full 10 bit or limited (8, 6, 4 bit) compare function
- 2 interrupt requests (on compare and on 0)
- Hi-frequency input on PA[1] and PA[3/4]
- Pulse width modulation (PWM) output
- Metal option for bit0 don’t care, reduces timer by 1 bit
Interrupt Controller
- 2 external and 6 internal interrupt request sources
- Each interrupt request can individually be masked
- Each interrupt flag can individually be reset
- Automatic reset of each interrupt request after read
- General interrupt request to CPU can be disabled
- Automatic enabling of general interrupt request flag
when going into HALT mode
Sleep Counter Reset (SCR)
- wake up the EM6682 from sleep mode
- 4 timings selectable by register
- Inhibit SCR by register
Package form available
- TSSOP-8/14
- SO-8/14
- Die form (9 pin possible due to additional I/O pin)
NB: All frequencies written in this document are related to a typical system clock of 32 kHz !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com