| Electronic Components Datasheet Search |
|
EM6682 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6682 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA |
|
21 / 61 page ![]() R EM6682 Copyright © 2005, EM Microelectronic-Marin SA 21 www.emmicroelectronic.com 7. Serial Port The EM6682 contains a simple, half duplex three wire synchronous type serial interface., which can be used to program or read an external EEPROM, ADC, ... etc. Its I/O are multiplexed on Port A. For data reception, a shift-register converts the serial input data on the SIN(PA[0]) terminal to a parallel format, which is subsequently read by the CPU in registers RegSDataL and RegSDataH for low and high nibble. To transmit data, the CPU loads data into the shift register, which then serializes it on the SOUT(PA[2]) terminal. It is possible for the shift register to simultaneously shift data out on the SOUT terminal and shift data on the SIN terminal. In Master mode, the shifting clock is supplied internally by the Prescaler : one of three prescaler frequencies are available, Ck[16] or external clock (metal option to select between, Ck[15] or Ck[14]. In Slave mode, the shifting clock is supplied externally on the SCLKIn(PA[1]) terminal. In either mode, it is possible to program : the shifting edge, shift MSB first or LSB first and direct shift output. All these selection are done in register RegSCntl1 and RegSCntl2. Figure 14. Serial Interface Architecture The PA[3..0] terminal configuration is shown in Figure 10 and 12. When the Serial Interface is used then care should be taken not to use inputs and outputs needed for Serial Interface for other peripherals !: ∗ PA[0] {SIN} must be dedicated to Serial input if needed and can not be used for IRQ, Software Variable jumps or Output. It can be still used for Wake-Up on Change ∗ PA[1] {SCLK} is an output for Master mode {SCLKOut} and an input for Slave mode {SCLKIn}. But different functions can be Switched On/Off with care as they are needed. ∗ PA[2] {SOUT} must be dedicated to Serial Data Output if needed and can not be used for Analogue input, or other Output. ∗ PA[3] {CS / Ready} if used for serial Interface status output. When used for Serial Interface it can not be used for IRQ, Software Variable jumps or Output. It can be still used for Wake-Up on Change. Note: Before using the serial interface, the corresponding circuit terminals must be configured accordingly. Control Logic Mux Internal Master Clock Source (ck[16,15,14]) External Slave Clock Source (SCLKin from SCLK PA[1] Control & Status Registers Mode 8-bit Shift Register IRQSerial Serial Master Clock Output SCLKout to SCLK PA[1] Status to CS/Ready PA[3] Shift Ck Shift complete (8th Shift Clock) Write Tx Read Tx Clock Enable Serial Input Data from SIN PA[0] MSB;LSB First Direct Shift Start ResetStart Status Serial Output Data to SOUT PA[2] Status |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |