Electronic Components Datasheet Search
  English  ▼

X  

EM6682 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6682
Description  Ultra Low Power 8-pin Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6682 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6682 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6682 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
R
EM6682
Copyright © 2006, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Ultra Low Power 8-pin Microcontroller
Features
True Low Power:
4.0 µA active mode
3.0 µA standby mode
0.35 µA sleep mode
@ 1.5V, 32kHz, 25°C
Low Supply Voltage 0.9 V to 5.5 V
Medium voltage version: 1.4V to 5.5V
Low voltage version: 0.9V to 1.8V
No external component needed
Available in TSSOP-8/14, SO-8/14 packages and die
4-bit ADC or 12 levels Supply Voltage Level
Detector (SVLD)
Max 4 (5*) outputs with 2 high drive outputs of 10mA
Max. 5 (6*) inputs
Sleep Counter Reset (automatic wake-up from sleep
mode (EM patent))
Mask ROM 1536
× 16 bits
RAM 80
× 4 bits
Internal RC oscillator 32 kHz – 800 kHz
2 clocks per instruction cycle
72 basic instructions
External CPU clock source possible
Watchdog timer (2 sec)
Power-On-Reset with Power-Check on Start-Up
3 wire serial port , 8 bit, master and slave mode
Universal 10-bit counter, PWM, event counter
Prescaler down to 1 Hz (freq. = 32 kHz)
Frequency output 1Hz, 2048 Hz, Fosc, PWM
6 internal interrupt sources ( 2
×10-bit counter, 2×
prescaler, SVLD, Serial Interface)
2 external interrupt sources (port A)
Description
The EM6682 is an ultra-low voltage, low power
microcontroller coming in a package as small as 8-pin
TSSOP and working up to 0.4 MIPS. It comes with an
integrated 4-bit ADC and 2 high drive outputs of 10mA and
it requires no external component. It has a sleep counter
reset allowing automatic wake-up from sleep mode. It is
designed for use in battery-operated and field-powered
applications requiring an extended lifetime. A high
integration level make it an ideal choice for cost sensitive
applications.
The EM6682 contains the equivalent of 3kB mask ROM
and a RC oscillator with frequencies between 32 and
800kHz selectable by metal option or register. It also has
a power-on reset, watchdog timer, 10 bit up/down
counter, PWM and several clock functions.
Tools include windows-based simulator and emulator.
The EM6682 simulator is usable for most of the
EM6682 functions.
Figure 1. Architecture
Core
EM6600
Stable
RC oscillator
32 - 800kHz
ROM
1536 x 16Bit
RAM
80 x 4Bit
Power Supply
Voltage reg.
Prescaler
10-Bit Univ
Count/Timer
Interrupt
Controller
Power on
Reset
Watchdog
V
DD
V
DD
Sleep Counter
Reset
* PA5 available only in 14-pin package and in die
4-bit ADC
SVLD check
PA1 & PA2: high-drive outputs (10mA)
Serial Interface
PA0
PA1
PA2
PA3
PA4
*PA5
Port A
Reset
Figure 2. Pin Configuration
PA0 1
PA1 2
PA2 3
PA3 4
8
VDD
7
VREG
6
PA4 (reset)
5
VSS
EM6682
TSSOP-14, SO-14
NC
1
PA0
2
PA1
3
PA2
4
14
NC
13
VDD
12
VREG
11
PA5
10
PA4 (reset)
EM6682
PA3
5
NC
6
NC
7
9
VSS
8
NC
TSSOP-8, SO-8
Typical Applications
Household appliances
Safety and security devices
Automotive controls
Sensor interfaces
Watchdog
Intelligent ADC
Driver (LED, triac)
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6682

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6682 EMMICRO-EM6682 Datasheet
2Mb / 59P
Ultra Low Power 8-pin Microcontroller
EM6682SO14A EMMICRO-EM6682SO14A Datasheet
2Mb / 59P
Ultra Low Power 8-pin Microcontroller
EM6682SO8A EMMICRO-EM6682SO8A Datasheet
2Mb / 59P
Ultra Low Power 8-pin Microcontroller
EM6682SO8B EMMICRO-EM6682SO8B Datasheet
2Mb / 59P
Ultra Low Power 8-pin Microcontroller
EM6682WP11 EMMICRO-EM6682WP11 Datasheet
2Mb / 59P
Ultra Low Power 8-pin Microcontroller
More results

Similar Description - EM6682

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6812 EMMICRO-EM6812 Datasheet
1Mb / 81P
Ultra Low Power 8-bit FLASH Microcontroller
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
Ultra Low Power 8-pin Flash Microcontroller
EM6680 EMMICRO-EM6680 Datasheet
1Mb / 58P
Ultra Low Power 8-pin Microcontroller
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
Low-pin Count 8-bit Microcontroller
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
Ultra Low Power 8-pin Flash Microcontroller
EM6682 EMMICRO-EM6682_10 Datasheet
2Mb / 59P
Ultra Low Power 8-pin Microcontroller
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com