Electronic Components Datasheet Search
  English  ▼

X  

GP7NC60H Datasheet(PDF) 1 Page - STMicroelectronics

Part # GP7NC60H
Description  N-channel PowerMESH™ 600 V, 14 A very fast IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NC60H Datasheet(HTML) 1 Page - STMicroelectronics

  GP7NC60H Datasheet HTML 1Page - STMicroelectronics GP7NC60H Datasheet HTML 2Page - STMicroelectronics GP7NC60H Datasheet HTML 3Page - STMicroelectronics GP7NC60H Datasheet HTML 4Page - STMicroelectronics GP7NC60H Datasheet HTML 5Page - STMicroelectronics GP7NC60H Datasheet HTML 6Page - STMicroelectronics GP7NC60H Datasheet HTML 7Page - STMicroelectronics GP7NC60H Datasheet HTML 8Page - STMicroelectronics GP7NC60H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2016
DocID10855 Rev 3
1/14
This is information on a discontinued product.
www.st.com
STGP7NC60H
N-
channel PowerMESH™ 600 V, 14 A very fast IGBT
Datasheet - obsolete product
Figure 1: Internal schematic diagram
Features
Order code
VCES
VCE(sat) max
@ 25°C
IC @ 100°C
STGP7NC60H
600 V
< 2.5 V
14 A
Low on-voltage drop (VCE(sat))
High frequency operation up to 70 kHz
Applications
High frequency inverters
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers
Description
This device is a very fast IGBT developed using
advanced PowerMESH™ technology. This
process guarantees an excellent trade-off
between switching performance and low on-state
behavior. This device is well-suited for resonant
or soft-switching applications.
Table 1: Device summary
Order code
Marking
Package
Packing
STGP7NC60H
GP7NC60H
TO-220
Tube
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - GP7NC60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GP7NC60HD STMICROELECTRONICS-GP7NC60HD Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results

Similar Description - GP7NC60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
19 A - 600 V - very fast IGBT
01-Jul-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
19 A - 600 V - very fast IGBT
19-May-2009
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGD6NC60H-1 STMICROELECTRONICS-STGD6NC60H-1 Datasheet
376Kb / 13P
N-channel 600 V, 7 A - IPAK Very fast PowerMESH™ IGBT
08-Apr-2014
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
30 A - 600 V - very fast IGBT
16-Apr-2012
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
30 A - 600 V - very fast IGBT
18-Jun-2015
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com