Electronic Components Datasheet Search
  English  ▼

X  

GP7NC60H Datasheet(PDF) 3 Page - STMicroelectronics

Part # GP7NC60H
Description  N-channel PowerMESH™ 600 V, 14 A very fast IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NC60H Datasheet(HTML) 3 Page - STMicroelectronics

  GP7NC60H Datasheet HTML 1Page - STMicroelectronics GP7NC60H Datasheet HTML 2Page - STMicroelectronics GP7NC60H Datasheet HTML 3Page - STMicroelectronics GP7NC60H Datasheet HTML 4Page - STMicroelectronics GP7NC60H Datasheet HTML 5Page - STMicroelectronics GP7NC60H Datasheet HTML 6Page - STMicroelectronics GP7NC60H Datasheet HTML 7Page - STMicroelectronics GP7NC60H Datasheet HTML 8Page - STMicroelectronics GP7NC60H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STGP7NC60H
Electrical ratings
DocID10855 Rev 3
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
600
V
VGE
Gate-emitter voltage
±20
V
IC
Continuous collector current at TC = 25 °C (1)
25
A
Continuous collector current at TC = 100 °C (1)
14
A
ICM(2)
Collector current (pulsed)
50
A
PTOT
Continuous forward current at TC = 25 °C
80
W
Tstg
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature range
Notes:
(1)Calculated according to the iterative formula:
������������(������������) =
������������������������������−������������
������������������������−������×������������������������������������(MAX)(������������(������������������)×������������(������������))
(2)Pulse widht limited by maximum junction temperature.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1.56
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com