Electronic Components Datasheet Search
  English  ▼

X  

GP7NC60H Datasheet(PDF) 13 Page - STMicroelectronics

Part # GP7NC60H
Description  N-channel PowerMESH™ 600 V, 14 A very fast IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NC60H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button GP7NC60H Datasheet HTML 6Page - STMicroelectronics GP7NC60H Datasheet HTML 7Page - STMicroelectronics GP7NC60H Datasheet HTML 8Page - STMicroelectronics GP7NC60H Datasheet HTML 9Page - STMicroelectronics GP7NC60H Datasheet HTML 10Page - STMicroelectronics GP7NC60H Datasheet HTML 11Page - STMicroelectronics GP7NC60H Datasheet HTML 12Page - STMicroelectronics GP7NC60H Datasheet HTML 13Page - STMicroelectronics GP7NC60H Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STGP7NC60H
Revision history
DocID10855 Rev 3
13/14
5
Revision history
Table 8: Document revision history
Date
Revision
Changes
20-Aug-2004
1
New datasheet.
09-Jun-2005
2
Modified title
04-Jul-2016
3
The part number STGD7NC60HT4 has been moved to a separate
datasheet.
Modified: title, features and description.
Modified: Table 2: "Absolute maximum ratings", Table 3: "Thermal
data", Table 4: "Static characteristics", Table 5: "Dynamic
characteristics" and Table 6: "IGBT switching characteristics (inductive
load)"
Updated: Section 5.1: "TO-220 type A package information".
Minor text changes.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com