Electronic Components Datasheet Search
  English  ▼

X  

GP7NC60H Datasheet(PDF) 2 Page - STMicroelectronics

Part # GP7NC60H
Description  N-channel PowerMESH™ 600 V, 14 A very fast IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NC60H Datasheet(HTML) 2 Page - STMicroelectronics

  GP7NC60H Datasheet HTML 1Page - STMicroelectronics GP7NC60H Datasheet HTML 2Page - STMicroelectronics GP7NC60H Datasheet HTML 3Page - STMicroelectronics GP7NC60H Datasheet HTML 4Page - STMicroelectronics GP7NC60H Datasheet HTML 5Page - STMicroelectronics GP7NC60H Datasheet HTML 6Page - STMicroelectronics GP7NC60H Datasheet HTML 7Page - STMicroelectronics GP7NC60H Datasheet HTML 8Page - STMicroelectronics GP7NC60H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Contents
STGP7NC60H
2/14
DocID10855 Rev 3
Contents
1
Electrical ratings............................................................................... 3
2
Electrical characteristics ................................................................. 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ...................................................................................... 9
4
Package information ...................................................................... 10
4.1
TO-220 type A package information................................................ 11
5
Revision history.............................................................................. 13
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com