Electronic Components Datasheet Search
  English  ▼

X  

ADN2860 Datasheet(PDF) 19 Page - Analog Devices

Part # ADN2860
Description  3-Channel Digital Potentiometer with Nonvolatile Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2860 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADN2860 Datasheet HTML 12Page - Analog Devices ADN2860 Datasheet HTML 13Page - Analog Devices ADN2860 Datasheet HTML 14Page - Analog Devices ADN2860 Datasheet HTML 15Page - Analog Devices ADN2860 Datasheet HTML 16Page - Analog Devices ADN2860 Datasheet HTML 17Page - Analog Devices ADN2860 Datasheet HTML 18Page - Analog Devices ADN2860 Datasheet HTML 19Page - Analog Devices ADN2860 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADN2860
Rev. A | Page 19 of 20
APPLICATIONS
LASER DIODE DRIVER (LDD) CALIBRATION
The ADN2860 can be used with any laser diode driver. Its high
resolution, compact footprint, and superior temperature drift
characteristics make it ideal for optical parameter setting.
The ADN2841 is a 2.7 Gbps laser diode driver that uses a
unique control algorithm to manage both the laser average
power and extinction ratio after initial factory calibration. It
stabilizes the laser data transmission by continuously monitoring
its optical power and by correcting the variations caused by
temperature and the laser degradation over time. In the
ADN2841, the IMPD monitors the laser diode current. Through
its dual-loop power and extinction ratio control, calibrated by
the ADN2860, the internal driver controls the bias current, IBIAS,
and, consequently, the average power. It also regulates the
modulation current, IMODP, by changing the modulation current
linearly with slope efficiency. Any changes in the laser threshold
current or slope efficiency are, therefore, compensated. As a
result, this optical supervisory system minimizes the laser
characterization efforts, enabling designers to apply comparable
lasers from multiple sources.
ADN2860
ADN2841
SDA
SCL
PSET
ERSET
ASET
VCC
VCC
Figure 33. Optical Supervisory System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com