Electronic Components Datasheet Search
  English  ▼

X  

AD9959 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9959
Description  4 Channel 500MSPS DDS with 10-bit DACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959 Datasheet(HTML) 4 Page - Analog Devices

  AD9959 Datasheet HTML 1Page - Analog Devices AD9959 Datasheet HTML 2Page - Analog Devices AD9959 Datasheet HTML 3Page - Analog Devices AD9959 Datasheet HTML 4Page - Analog Devices AD9959 Datasheet HTML 5Page - Analog Devices AD9959 Datasheet HTML 6Page - Analog Devices AD9959 Datasheet HTML 7Page - Analog Devices AD9959 Datasheet HTML 8Page - Analog Devices AD9959 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AD9959
Preliminary Technical Data
Rev. PrB | Page 4 of 9
Maximum Clock Rise/Fall Time
TBD
ns
Minimum Data Setup Time (tDS)
TBD
ns
Minimum Data Hold Time
TBD
ns
MISC TIMING CHARACTERISTICS
Master_Reset minimum Pulsewidth
TBD
Sync CLK
I/O_Update minimum Pulsewidth
1
Sync CLK
Minimum setup time (IO_Update to Sync_CLK)
TBD
ns
Rising edge to rising edge
Minimum hold time (IO_Update to Sync_CLK)
0
ns
Rising edge to rising edge
Minimum setup time (Profile inputs to Sync_CLK)
TBD
ns
Minimum hold time (Profile inputs to Sync_CLK)
0
ns
DATA LATENCY (PIPE LINE DELAY)
Pipeline delays for Freq, Phase,
Amp changes are programmable to
match one another.
Matched pipe line of Freq, Phase, Amplitude
TBD
Sys Clks
matched
Frequency word to DAC output
TBD
Sys Clks
unmatched
Phase Offset word to DAC output
TBD
Sys Clks
unmatched
Amplitude word to DAC output
TBD
Sys Clks
unmatched
CMOS LOGIC INPUTS
VIH
2.2
V
VIL
0.6
V
Logic 1 Current
3
12
uA
Logic 0 Current
-12
uA
Input Capacitance
2
pF
CMOS LOGIC OUTPUTS (1 mA Load)
VOH
2.8
V
VOL
0.4
V
POWER SUPPLY
Total Power Dissipation- all channels ON, single-tone mode
TBD
mW
Maximum Power Dissipation- all channels, freq accumulator
output multiplier ON
TBD
Iavdd – All Channels ON, Single tone mode
TBD
mA
Iavdd – All Ch(s) ON, Freq accum, and output multiplier ON
TBD
mA
Idvdd – All Ch(s) ON, Single tone mode
TBD
mA
Idvdd – All Ch(s) ON, Freq accum, and output multiplier ON
TBD
mA
Idvdd_I/O
TBD
mA
Power down Mode
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com