Electronic Components Datasheet Search
  English  ▼

X  

AD9959 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9959
Description  4 Channel 500MSPS DDS with 10-bit DACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959 Datasheet(HTML) 7 Page - Analog Devices

  AD9959 Datasheet HTML 1Page - Analog Devices AD9959 Datasheet HTML 2Page - Analog Devices AD9959 Datasheet HTML 3Page - Analog Devices AD9959 Datasheet HTML 4Page - Analog Devices AD9959 Datasheet HTML 5Page - Analog Devices AD9959 Datasheet HTML 6Page - Analog Devices AD9959 Datasheet HTML 7Page - Analog Devices AD9959 Datasheet HTML 8Page - Analog Devices AD9959 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Technical Data
AD9959
Rev. PrB | Page 7 of 9
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
30
31
32
33
34
35
36
37
41
40
39
38
29
42
5
4
3
2
11
12
13
PWR_DWN_CTL
9
8
7
6
14
1
AVDD
AVDD
AGND
CH1_IOUT
CH1_IOUT
AVDD
AVDD
CH0_IOUT
CH0_IOUT
AVDD
AGND
AGND
10
SYNC_IN
MASTER_RESET
AVDD
AGND
AVDD
CH2_IOUT
CH2 _IOUT
AGND
AGND
CH3_IOUT
CH3_IOUT
SYNC_OUT
P0
P1
P2
56-LD LFCSP
AD9959
Notes :
1) The exposed EPAD on bottom side of package is an electrical connection and must be
soldered to ground.
2) Pin 49 is DVDD_IO and is tied to 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com