Electronic Components Datasheet Search
  English  ▼

X  

AD9959 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9959
Description  4 Channel 500MSPS DDS with 10-bit DACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959 Datasheet(HTML) 1 Page - Analog Devices

  AD9959 Datasheet HTML 1Page - Analog Devices AD9959 Datasheet HTML 2Page - Analog Devices AD9959 Datasheet HTML 3Page - Analog Devices AD9959 Datasheet HTML 4Page - Analog Devices AD9959 Datasheet HTML 5Page - Analog Devices AD9959 Datasheet HTML 6Page - Analog Devices AD9959 Datasheet HTML 7Page - Analog Devices AD9959 Datasheet HTML 8Page - Analog Devices AD9959 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4 Channel 500MSPS DDS with 10-bit DACs
Preliminary Technical Data
AD9959
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Four synchronized DDS channels @500 MSPS
Independent frequency / phase / amplitude
control between all channels
Matched latencies for Freq, Phase, and Amplitude changes
Excellent channel to channel isolation
Frequency sweeping capability
Up to 16 levels of modulation (pin selectable)
Individually programmable DAC full scale currents
Four integrated 10-bit D/A converters(DACs)
32-bit frequency tuning resolution
14-bit phase offset resolution
10-bit output amplitude scaling resolution
Serial I/O Port(SPI) with enhanced data throughput
Software/Hardware controlled power-down
Dual supply operation (1.8 V DDS core / 3.3 V serial I/O)
Built-in synchronization for multiple devices
Selectable REF_CLK multipier(PLL) 4x to 20x (bypassable)
Selectable REF_CLK crystal operation
56 pin LFCSP package
APPLICATIONS
Agile L.O. frequency synthesis
Phased array radar / sonar
Instrumentation
Synchronized clocking
RF source for AOTF
FUNCTIONAL BLOCK DIAGRAM
14
BUFFER / XTAL
OSCILLATOR
CLK_MODE_SEL
M
U
X
REF CLOCK
MULTIPLIER
(PLL) 4x to 20x
CHANNEL
REGISTERS
PWR_DWN_CTL
FTW
PHASE
OFFSET
IOUT
DAC
÷4
OSC / REF_CLK
MASTER_RESET
CS
SCLK
SDIO_0
SDIO_1
SDIO_2
SDIO_3
SCALABLE
DAC REF
CURRENT
DAC_RSET
Σ
Σ
COS(X)
DIGITAL
MULTIPLIER
I/O
Port
Buffer
×
10
FREQUENCY
ACCUMULATOR
Σ
10
10
DAC
Σ
Σ
COS(X)
×
10
Σ
10
DAC
Σ
Σ
COS(X)
×
10
Σ
10
DAC
Σ
Σ
COS(X)
×
10
Σ
10
32
8
RAMP
RATE
DFTW
32
Timing & Control Logic
SYNC_CLK
SYNC_IN
SYNC_OUT
PROFILE
REGISTERS
P
S
0
P
S
3
P
S
2
P
S
1
SYSTEM
CLK
I/O_UPDATE
AVDD
DVDD
DVDD_IO
1.8V
1.8V
3.3V
15
32
32
32
32
32
32
32
32
15
15
15
OSC / REF_CLK
DDS CORE
DDS CORE
DDS CORE
DDS CORE
CONTROL
REGISTERS
IOUT
IOUT
IOUT
IOUT
IOUT
IOUT
IOUT
FREQUENCY
ACCUMULATOR
FREQUENCY
ACCUMULATOR
FREQUENCY
ACCUMULATOR
Figure 1 AD9959 Block Diagram


Similar Part No. - AD9959

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9959 AD-AD9959 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959/PCBZ AD-AD9959/PCBZ Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959/PCBZ1 AD-AD9959/PCBZ1 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results

Similar Description - AD9959

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
1Mb / 40P
2-Channel 500 MSPS DDS with 10-Bit DACs
9/05-Revision 0
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
10-Bit, 500MSPS A/D Converter
logo
Analog Devices
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
10-Bit, 500MSPS A/D Converter
June 4, 2010
ISLA110P50 INTERSIL-ISLA110P50_11 Datasheet
1Mb / 34P
10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Analog Devices
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com