Electronic Components Datasheet Search
  English  ▼

X  

AM68A Datasheet(PDF) 39 Page - Texas Instruments

Part # AM68A
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68A Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM68A Datasheet HTML 35Page - Texas Instruments AM68A Datasheet HTML 36Page - Texas Instruments AM68A Datasheet HTML 37Page - Texas Instruments AM68A Datasheet HTML 38Page - Texas Instruments AM68A Datasheet HTML 39Page - Texas Instruments AM68A Datasheet HTML 40Page - Texas Instruments AM68A Datasheet HTML 41Page - Texas Instruments AM68A Datasheet HTML 42Page - Texas Instruments AM68A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
A19
MCU_OSPI1_CLK
PADCFG:
WKUP_PADCONFIG_16
0x4301C040
MCU_OSPI1_CLK
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
WKUP_GPIO0_31
7
IO
B19
MCU_OSPI1_DQS
PADCFG:
WKUP_PADCONFIG_18
0x4301C048
MCU_OSPI1_DQS
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_OSPI0_CSn3
1
O
MCU_HYPERBUS0_INTn
2
I
MCU_OSPI0_ECC_FAIL
6
I
WKUP_GPIO0_33
7
IO
B20
MCU_OSPI1_LBCLKO
PADCFG:
WKUP_PADCONFIG_17
0x4301C044
MCU_OSPI1_LBCLKO
0
IO
1.8 V/3.3 V
Off / Off / Off
On / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_OSPI0_CSn2
1
O
MCU_HYPERBUS0_RESETOn
2
I
MCU_OSPI0_RESET_OUT0
6
O
WKUP_GPIO0_32
7
IO
F15
MCU_OSPI0_CSn0
PADCFG:
WKUP_PADCONFIG_11
0x4301C02C
MCU_OSPI0_CSn0
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_HYPERBUS0_CSn0
1
O
WKUP_GPIO0_27
7
IO
G17
MCU_OSPI0_CSn1
PADCFG:
WKUP_PADCONFIG_12
0x4301C030
MCU_OSPI0_CSn1
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_HYPERBUS0_RESETn
1
O
WKUP_GPIO0_28
7
IO
F14
MCU_OSPI0_CSn2
PADCFG:
WKUP_PADCONFIG_14
0x4301C038
MCU_OSPI0_CSn2
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_OSPI0_CSn2
1
O
MCU_HYPERBUS0_RESETOn
2
I
MCU_HYPERBUS0_WPn
3
O
MCU_HYPERBUS0_CSn1
4
O
MCU_OSPI0_RESET_OUT0
6
O
WKUP_GPIO0_29
7
IO
F17
MCU_OSPI0_CSn3
PADCFG:
WKUP_PADCONFIG_15
0x4301C03C
MCU_OSPI0_CSn3
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV1_MC
U
LVCMOS
No
MCU_OSPI0_CSn3
1
O
MCU_HYPERBUS0_INTn
2
I
MCU_HYPERBUS0_WPn
3
O
MCU_OSPI0_RESET_OUT1
5
O
MCU_OSPI0_ECC_FAIL
6
I
WKUP_GPIO0_30
7
IO
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com