Electronic Components Datasheet Search
  English  ▼

X  

AM68A Datasheet(PDF) 9 Page - Texas Instruments

Part # AM68A
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68A Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM68A Datasheet HTML 5Page - Texas Instruments AM68A Datasheet HTML 6Page - Texas Instruments AM68A Datasheet HTML 7Page - Texas Instruments AM68A Datasheet HTML 8Page - Texas Instruments AM68A Datasheet HTML 9Page - Texas Instruments AM68A Datasheet HTML 10Page - Texas Instruments AM68A Datasheet HTML 11Page - Texas Instruments AM68A Datasheet HTML 12Page - Texas Instruments AM68A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 251 page
background image
Table 6-1 shows the pull type [pullup/pulldown] and Hysteresis associations to buffer types.
Table 6-1. Buffer Types with Pull Type and Hysteresis Associations
BUFFER TYPE
PULL TYPE
(PU/PD)(1)
HYSTERESIS(2)
4L_PHY
ADC12B
AUX-PHY
D-PHY
DDR
eMMCPHY
PU/PD
FS_RESET
Yes
HFXOSC
Yes
I2C OPEN DRAIN
Yes
LVCMOS
PU/PD
Yes
SDIO
PU/PD
Yes
USB2PHY
(1)
PULL TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and pulldown
resistors can be enabled or disabled via software.
(2)
HYS: Indicates if the input buffer has hysteresis:
•
Yes: With hysteresis
•
No: Without hysteresis
•
An empty box means No
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com