Electronic Components Datasheet Search
  English  ▼

X  

AM68A Datasheet(PDF) 22 Page - Texas Instruments

Part # AM68A
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68A Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM68A Datasheet HTML 18Page - Texas Instruments AM68A Datasheet HTML 19Page - Texas Instruments AM68A Datasheet HTML 20Page - Texas Instruments AM68A Datasheet HTML 21Page - Texas Instruments AM68A Datasheet HTML 22Page - Texas Instruments AM68A Datasheet HTML 23Page - Texas Instruments AM68A Datasheet HTML 24Page - Texas Instruments AM68A Datasheet HTML 25Page - Texas Instruments AM68A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
AD17
DSI1_TXP3
DSI1_TXP3
0
O
1.8 V
VDDA_0P8_DS
ITX /
VDDA_0P8_DS
ITX_C /
VDDA_1P8_DS
ITX
D-PHY
CSI1_TXP3
1
O
AB26
ECAP0_IN_APWM_OUT
PADCFG:
PADCONFIG_49
0x4301C0C4
ECAP0_IN_APWM_OUT
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
Yes
MCASP4_AXR2
1
IO
CPTS0_RFT_CLK
2
I
HYP1_TXFLCLK
3
I
MCAN12_TX
4
O
VOUT0_DATA23
5
O
GPMC0_AD5
6
IO
GPIO0_49
7
IO
SPI6_D0
8
IO
SYNC0_OUT
9
O
TRC_DATA1
10
O
UART2_CTSn
11
I
CPTS0_HW1TSPUSH
12
I
I2C1_SCL
13
IOD
UART3_RXD
14
I
A27
EMU0
PADCFG:
WKUP_PADCONFIG_75
0x4301C12C
EMU0
0
IO
1.8 V/3.3 V
On / Off / Up
On / Off / Up
0
VDDSHV0_MC
U
LVCMOS
No
C26
EMU1
PADCFG:
WKUP_PADCONFIG_76
0x4301C130
EMU1
0
IO
1.8 V/3.3 V
On / Off / Up
On / Off / Up
0
VDDSHV0_MC
U
LVCMOS
No
MCU_OBSCLK0
15
O
AG24
EXTINTn
PADCFG:
PADCONFIG_0
0x4301C000
EXTINTn
0
I
1.8 V/3.3 V
Off / Off / Off
Off / SS / Off
7
VDDSHV0
I2C OPEN
DRAIN
No
GPIO0_0
7
IO
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com