Electronic Components Datasheet Search
  English  ▼

X  

AM68A Datasheet(PDF) 85 Page - Texas Instruments

Part # AM68A
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68A Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM68A Datasheet HTML 81Page - Texas Instruments AM68A Datasheet HTML 82Page - Texas Instruments AM68A Datasheet HTML 83Page - Texas Instruments AM68A Datasheet HTML 84Page - Texas Instruments AM68A Datasheet HTML 85Page - Texas Instruments AM68A Datasheet HTML 86Page - Texas Instruments AM68A Datasheet HTML 87Page - Texas Instruments AM68A Datasheet HTML 88Page - Texas Instruments AM68A Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 251 page
background image
Table 6-100. DSS0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
VOUT0_DATA15
O
Video Output Data 15
AB28
VOUT0_DATA16
O
Video Output Data 16
AD28
VOUT0_DATA17
O
Video Output Data 17
T26
VOUT0_DATA18
O
Video Output Data 18
R28, V23
VOUT0_DATA19
O
Video Output Data 19
AB24, R27
VOUT0_DATA20
O
Video Output Data 20
Y27, Y28
VOUT0_DATA21
O
Video Output Data 21
AA23, W27
VOUT0_DATA22
O
Video Output Data 22
T26, Y24
VOUT0_DATA23
O
Video Output Data 23
AB26, W23
VOUT0_VP0_DE
O
Alternative Output Data Enable
AA28
VOUT0_VP0_HSYNC
O
Alternative Output Horizontal Sync
U26
VOUT0_VP0_VSYNC
O
Alternative Output Vertical Sync
AD27
VOUT0_VP2_DE
O
Alternative Output Data Enable
AA28
VOUT0_VP2_HSYNC
O
Alternative Output Horizontal Sync
U26
VOUT0_VP2_VSYNC
O
Alternative Output Vertical Sync
AD27
6.3.25 GPMC
6.3.25.1 MAIN Domain
Table 6-101. GPMC0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address Latch
Enable
AB27
GPMC0_CLK
IO
GPMC clock
W25
GPMC0_CLKOUT
O
GPMC clock generated for external synchronization
AD27
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
R28, Y25
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read Enable
(active low)
U26
GPMC0_WEn
O
GPMC Write Enable (active low)
AD24
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
AB27
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
T25
GPMC0_A1
OZ
GPMC Address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
W24
GPMC0_A2
OZ
GPMC Address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
AA25
GPMC0_A3
OZ
GPMC Address 3 Output in A/D non-multiplexed mode
and Address 19 in A/D multiplexed mode
V25
GPMC0_A4
OZ
GPMC Address 4 Output in A/D non-multiplexed mode
and Address 20 in A/D multiplexed mode
T24
GPMC0_A5
OZ
GPMC Address 5 Output in A/D non-multiplexed mode
and Address 21 in A/D multiplexed mode
AB25
GPMC0_A6
OZ
GPMC Address 6 Output in A/D non-multiplexed mode
and Address 22 in A/D multiplexed mode
T23
GPMC0_A7
OZ
GPMC Address 7 Output in A/D non-multiplexed mode
and Address 23 in A/D multiplexed mode
U24
GPMC0_A8
OZ
GPMC Address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
AC25
GPMC0_A9
OZ
GPMC Address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
AD26
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com