Electronic Components Datasheet Search
  English  ▼

X  

AM68A Datasheet(PDF) 54 Page - Texas Instruments

Part # AM68A
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68A Datasheet(HTML) 54 Page - Texas Instruments

Back Button AM68A Datasheet HTML 50Page - Texas Instruments AM68A Datasheet HTML 51Page - Texas Instruments AM68A Datasheet HTML 52Page - Texas Instruments AM68A Datasheet HTML 53Page - Texas Instruments AM68A Datasheet HTML 54Page - Texas Instruments AM68A Datasheet HTML 55Page - Texas Instruments AM68A Datasheet HTML 56Page - Texas Instruments AM68A Datasheet HTML 57Page - Texas Instruments AM68A Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
A14, A5,
AA13, AA16,
AA18, AA20,
AA22, AA3,
AA5, AA7,
AA9, AB12,
AB16, AB19,
AB2, AB21,
AB23, AB4,
AB6, AC11,
AC22, AC26,
AC3, AC5,
AC7, AC8,
AD15, AD18,
AD21, AD6,
AD9, AE10,
AE14, AE17,
AE20, AE23,
AE4, AE7,
AF12, AF15,
AF18, AF21,
AF24, AF5,
AF8, AG10,
AG14, AG17,
AG20, AG23,
AG4, AG7,
AH1, AH12,
AH15, AH18,
AH21, AH24,
AH3, AH6,
AH9, B11,
B13, B15,
B17, B2, B23,
B4, B6, B8,
C1, C12,
C14, C16,
C18, C3, C5,
C7, D11, D13,
D15, D17,
D2, D4, D6,
D8, E1, E12,
E14, E16,
E26, E3, E5,
E7, F2, F4,
F6, G13,
G28, G3, G5,
G7, G9, H10,
H12, H14,
H2, H21, H4,
H6, H8, J1,
J11, J18, J24,
J3, J5, J7, J9,
K15, K2, K20,
K27, K4, K6,
K8, L14, L16,
L3, L5, L7,
L9, M15,
M17, M2,
M25, M4, M6,
M8, N1, N16,
VSS
VSS
GND
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
54
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com